Selected language     English  ▼


I02-182-1 Datasheet(PDF) 1 Page - ice Components, Ins.

Part No. I02-182-1
Description  High Current Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICE [ice Components, Ins.]
Homepage  http://www.icecomponents.com
Logo 

   
 1 page
background image
Features
• High Saturation Current to 60A
• DCR as low as 0.60mΩ
• High Energy Storage in a Compact
Package
• Lower DCR than similar Toroid
Design
High Current Power Inductor
I02 Series
Mechanical
Schematic
Suggested PCB layout
cust.serv@icecomp.com
www.icecomponents.com
(10/06) I02-1
Specifications subject to change without notice.
Applications
• Desktop CPUs
• Servers
• VRMs
• DC/DC Converters
Electrical Specifications
Side View
Top View
Packaging: Tray =130 pieces, Box = 16 trays, Box = 2080 pieces
��������
�����
����������
����
��������
�������
����������
����������
�������
�������
��������
������
��������������������
���������
1. Tested at 100 kHz,
0.1Vrms, 0 Adc bias.
2. Electrical specifications
at 25ºC.
3. Operating range: -40ºC
to +125ºC.
4. Meets UL 94V-0.
5. Idc is DC current required
to produce a temperature
rise of 40ºC.
6. Isat is the DC current
required to reduce the nomi-
nal inductance by 15%.
7. RoHS compliant parts.
Part
Inductance1
DCR (mΩ)
Isat5
Idc6
Dimensions
Number
(uH, +/-10%)
Typ.
Max.
(A)
(A)
X
Y
Z
I02-221-1
0.22
0.45
0.60
60+
45
12.5
16.0
2.2
I02-351-1
0.35
0.45
0.60
55
45
12.5
16.0
2.2
I02-451-1
0.45
1.10
1.45
50
29
12.7
15.7
1.6
I02-601-1
0.60
1.10
1.45
45
29
12.7
15.7
1.6
I02-801-1
0.80
2.10
2.40
44
23
10.0
13.0
1.3
I02-102-1
1.0
2.10
2.40
35
23
10.0
13.0
1.3
I02-132-1
1.3
2.55
3.00
34
19
11.0
14.0
1.3
I02-152-1
1.5
2.55
3.00
25
19
11.0
14.0
1.3
I02-182-1
1.8
2.55
3.00
20
19
11.0
14.0
1.3
unit: mm
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCS2500_06Low Power High Speed Current Feedback Op Amps 1 2 3 4 ON Semiconductor
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
UPS601HIGH PERFORMANCE CURRENT MODE POWER SWITCH 1 2 3 4 5 MoreUnisonic Technologies
UPS602HIGH PERFORMANCE CURRENT MODE POWER SWITCH 1 2 3 4 5 MoreUnisonic Technologies
BUX81HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR 1 2 Seme LAB
EV8042DF-00BHigh Current Dual Channel Power Half-Bridge Evaluation Board 1 2 3 4 5 Monolithic Power Systems
ASPI-6P-XXXHIGH CURRENT SHIELDED INDUCTOR 1 Abracon Corporation
2SK1365FET Silicon N Channel MOS Type for High Speed High Current Switching Switching Power Supply 1 2 3 4 5 MoreToshiba Semiconductor
ASPI-1367-XXXHIGH CURRENT SHIELDED INDUCTOR 1 Abracon Corporation
SY88982L3.3V 2.7Gbps High Current Low Power Laser Driver for FP/DFB Lasers 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl