Selected language     English  ▼


I04-2R2-130 Datasheet(PDF) 1 Page - ice Components, Ins.

Part No. I04-2R2-130
Description  Output Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICE [ice Components, Ins.]
Homepage  http://www.icecomponents.com
Logo 

   
 1 page
background image
cust.serv@icecomp.com
www.icecomponents.com
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304
Applications
2nd Stage Output Filter for Offline Power Supplies
(7/07) I04-1
Specifications subject to change without notice.
Output Power Chokes
I04 Series
Electrical Specifications
Part Number
Loaded Inductance (µH)
1
DCR
Temp Rise5
0A
3.3A
6A
8A
10A
13A
16A
(mΩ, max.)
(°C )
I04-4R7-3R3-_
6.4
4.7
11
20.3
I04-100-3R3-_
14.8
10.0
16.5
19.3
I04-220-3R3-_
28.8
22.0
26
17.8
I04-2R2-6R0-_
3.0
2.7
2.2
3.2
18.5
I04-220-6R0-_
34.8
29.0
22.0
13
16.2
I04-4R7-8R0-_
7.2
6.5
5.5
4.7
4.2
16.7
I04-100-8R0-_
14.7
13.3
11.5
10.0
6.5
15.3
I04-150-8R0-_
20.7
18.5
16.0
15.0
9
15
I04-220-8R0-_
27.5
26.0
24.0
22.0
7
13.1
I04-2R2-130-_
3.5
2.8
2.5
2.2
2.4
19.4
I04-100-130-_
13.7
12.0
11.8
10.0
2.8
10.2
I04-4R7-160-_
7.5
6.3
5.8
4.7
2
12.1
1. Tested at 20 kHz and a Bmax of 10 Gauss.
2. Electrical specifications at 25°C.
3. Operating range: -40°C to +130°C. This is a combination of ambient plus temperature rise.
4. Meets UL 94V-0.
5. Temperature rise created by total design losses (copper loss plus core loss) at an ambient temperature of 25°C. Copper loss is calculated using the current
associated with the bold faced inductance value. Core loss assumes a output 0.5V ripple at 132kHz.
6. All inductance values assume a maximum temperature rise less than 25°C at an ambient temperature of 25°C.
6. The tolerance for no load inductance is +/-20%.
7. For mounting options, please specify
H (Horizontal) or V (Vertical) at the end of the part number.
Features
Designed for Use with Popular Flyback Controllers
Cost Effective Toroid Design
Low DCR to Minimize Losses
Range of Inductance Values at Each Current Rating
The I04 series has been designed in collaboration with On Semiconductor to work with the NCP1207 controller as a second
stage output filter. With multiple inductance values at popular output current levels, the I04 series provides solutions for
a range of output filtering needs. The low DCR values minimize the voltage drop across the inductor and minimize losses
due to temperature rise.
The low cost designs utilize powdered iron cores from Micrometals to eliminate the risk of long
term instability.
The NCP1207 is a PWM current-mode controller for free running quasi-resonant operation. Applications include notebook
and offline battery chargers, consumer electronics, set-top boxes, medical power supplies, etc…




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
I01-0210-01-00Output Power Chokes 1 2 ice Components, Ins.
B82745Chokes for Power Lines Current-Compensated Ring Core Triple Chokes 1 2 3 EPCOS
Q48DB12003NRFADelphi Series Q48DB 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in ±12V 2.7A Output 1 2 3 4 5 MoreDelta Electronics, Inc.
HFA1115_04225MHz Low Power Output Limiting Closed Loop Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
UCC2819APROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR 1 2 3 4 5 MoreTexas Instruments
B82747Chokes for Power Lines Current-Compensated Ring Core Triple Chokes 1 2 3 EPCOS
ADM1192Digital Power Monitor with Clear Pin and ALERT Output 1 2 3 4 5 MoreAnalog Devices
LFO-17-IPCW output power > 2.0 mW 1 2 List of Unclassifed Manufacturers
Q48DR1R533NRFADelphi Series Q48DR 87W-100W Quarter Brick Dual Output DC/DC Power Modules: 48V in 1.5V and 3.3V 15A out each channel 1 2 3 4 5 MoreDelta Electronics, Inc.
HFA1135_06360MHz Low Power Video Operational Amplifier with Output Limiting 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl