Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8350Q Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8350Q
Description  DC-coupled vertical deflection and East-West output circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8350Q Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8350Q Datasheet HTML 7Page - NXP Semiconductors TDA8350Q Datasheet HTML 8Page - NXP Semiconductors TDA8350Q Datasheet HTML 9Page - NXP Semiconductors TDA8350Q Datasheet HTML 10Page - NXP Semiconductors TDA8350Q Datasheet HTML 11Page - NXP Semiconductors TDA8350Q Datasheet HTML 12Page - NXP Semiconductors TDA8350Q Datasheet HTML 13Page - NXP Semiconductors TDA8350Q Datasheet HTML 14Page - NXP Semiconductors TDA8350Q Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
January 1995
11
Philips Semiconductors
Preliminary specification
DC-coupled vertical deflection and
East-West output circuit
TDA8350Q
PACKAGE OUTLINE
Fig.6 Plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm); (DBS13P; SOT141-6).
Dimensions in mm.
handbook, full pagewidth
MBC369
13
11
0.05 convex
20.0
19.6
24.4
23.6
3.4
3.1
12.4
11.6
9
876
543
21
2.20
1.45
0.25 M
(13x)
0.75
0.60
1.7
2.1
1.8
6
10
4.7
4.1
(12x)
mounting
base
0.55
0.35
0.8 M
4.3
5.08
A
17.0
15.5
2.4
1.6
(13x)
A
3.4
10
11
12
13


Similar Part No. - TDA8350Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8354 PHILIPS-TDA8354 Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
More results

Similar Description - TDA8350Q

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
   BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
STV9306B STMICROELECTRONICS-STV9306B Datasheet
190Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
logo
NXP Semiconductors
TDA8358J PHILIPS-TDA8358J Datasheet
110Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
1999 Dec 22
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
logo
Integral Corp.
ILA8351 INTEGRAL-ILA8351 Datasheet
279Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
KODENSHI_AUK CORP.
KKA8356 KODENSHI-KKA8356 Datasheet
189Kb / 5P
   DC-coupled vertical deflection circuit
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
   East-West correction driver circuit
March 1986
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com