Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8354Q Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8354Q
Description  Full bridge current driven vertical deflection output circuit in LVDMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8354Q Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8354Q Datasheet HTML 1Page - NXP Semiconductors TDA8354Q Datasheet HTML 2Page - NXP Semiconductors TDA8354Q Datasheet HTML 3Page - NXP Semiconductors TDA8354Q Datasheet HTML 4Page - NXP Semiconductors TDA8354Q Datasheet HTML 5Page - NXP Semiconductors TDA8354Q Datasheet HTML 6Page - NXP Semiconductors TDA8354Q Datasheet HTML 7Page - NXP Semiconductors TDA8354Q Datasheet HTML 8Page - NXP Semiconductors TDA8354Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Sep 03
2
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical deflection
output circuit in LVDMOS
TDA8354Q
FEATURES
• Few external components
• Highly efficient fully DC-coupled vertical output bridge
circuit
• Short rise and fall times of the vertical flyback switch
• Guard circuit
• Temperature (thermal) protection
• High ElectroMagnetic Compatibility (EMC) because of
common mode inputs
• Guard signal in zoom mode.
GENERAL DESCRIPTION
The TDA8354Q is a power circuit for use in 90
° and 110°
colour deflection systems for field frequencies of
25 to 200 Hz and 16 : 9 picture tubes. The circuit provides
a DC-driven vertical deflection output circuit, operating as
a highly efficient class G system. Due to the full bridge
output circuit the deflection coils can be DC coupled.
The IC is constructed in a low-voltage DMOS process that
combines bipolar, CMOS and DMOS devices, to provide
ruggedness.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC supply
VP
supply voltage
7.5
12
18
V
Iq(av)
average quiescent supply current
during scan
10
15
mA
Vflb
flyback supply voltage
2
× VP 45
68
V
IVflb(av)
average flyback supply current
during scan
−−
10
mA
Vertical circuit
Io(p-p)
output current (peak-to-peak value)
−−
3.2
A
Ii(diff)(p-p)
input current (peak-to-peak value) at pin 11 or 12
500
600
µA
Flyback switch
Io(Vflb)
peak output current
t
≤ 1.5 ms
−−±1.6
A
Thermal data (in accordance with IEC 747-1)
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−25
+75
°C
Tj
junction temperature
−−
150
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8354Q
DBS13P
plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6


Similar Part No. - TDA8354Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

Similar Description - TDA8354Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8357J PHILIPS-TDA8357J Datasheet
96Kb / 16P
   Full bridge vertical deflection output circuit in LVDMOS
1999 Nov 10
TDA8358J PHILIPS-TDA8358J Datasheet
110Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
1999 Dec 22
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
NXP Semiconductors
TDA4867J PHILIPS-TDA4867J Datasheet
426Kb / 14P
   Full bridge current driven vertical deflection booster
2003 Feb 05
TDA4866 PHILIPS-TDA4866 Datasheet
86Kb / 16P
   Full bridge current driven vertical deflection booster
1999 Jun 14
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com