Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE762HL2 Datasheet(PDF) 2 Page - Hongfa Technology

Part # JE762HL2
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE762HL2 Datasheet(HTML) 2 Page - Hongfa Technology

  JE762HL2 Datasheet HTML 1Page - Hongfa Technology JE762HL2 Datasheet HTML 2Page - Hongfa Technology JE762HL2 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
=QUJT0 d] -?56C E96 2>3:6?46 H:E9 52?86C@FD 82D =:<6 ve+_ +}e @C |}e_ H2D9 E:89E EJA6 :D C64@>>6?565n A=62D6 E6DE E96 C6=2J :? C62= 2AA=:42E:@?Da
w7 E96 2>3:6?46 2==@HD_ 7=FI AC@@765 :D AC676C6?E:2==J C64@>>6?565a
e] xsj :D 2? 6?G:C@?>6?E2= 7C:6?5=J AC@5F4Ea~=62D6 >2C< 2 DA64:2= 4@56 \hhh] H96? @C56C:?8a
ehh
ec
dh
cah
cak
ec
dh
cah
cak
-80dt@C> o
.80et@C> o
-840 do ^ dp
3VTUQOJS TRJHMGN HQIJ
}?=J 7@C DA64:2= C6BF:C6>6?ED_ 6a8a \hhh] DE2?5D 7@C *@v+ 4@>A=:2?E
+:?8=6 D:56 DE23=6 [d 4@:= =2E49:?8
e 4@:=D =2E49:?8
e]
*6>2C<md] w? 42D6 @7 ?@ E@=6C2?46 D9@H? :? @FE=:?6 5:>6?D:@?m @FE=:?6 5:>6?D:@? Ud>>_ E@=6C2?46 D9@F=5 36 Mcae>>n @FE=:?6 5:>6?D:@? Wd>>
2?5 Uh>>_ E@=6C2?46 D9@F=5 36 Mcaf>>n @FE=:?6 5:>6?D:@? Wh>>_ E@=6C2?46 D9@F=5 36 Mcag>>a
e] ,96 E@=6C2?46 H:E9@FE :?5:42E:?8 7@C ~qp =2J@FE :D 2=H2JD Mcad>>a
f] ,96 H:5E9 @7 E96 8C:55:?8 :D eahg>>a
dae
+:?8=6 D:56 DE23=6 [d 4@:= =2E49:?8
e 4@:=D =2E49:?8
dt@C> oe t@C> o_ do ^ dp
dt@C> o
et@C> o_ do ^ dp
eahg
g`Ndae
eahg
i`N
eahg
i`Ndae
d]
\p@EE@> G:6H]
>@45@9=7 9=6>@<1B9>=
BXRJ
xsj b
3QMN WQNUGLJ
f_ h_ i_ l_ de_ eg.rq
de
+
\000]
`dv
3QPUGHU KQSO
`*
@0 *6G6CD6 A@=2C:EJ
=MN0 +E2?52C5 A@=2C:EJ
?QNGSMUX
3QPTUSVHUMQP
A0 /2D9 E:89E
=MNm t=FI AC@@765
`ze
AQSU
;-0 d 4@:= =2E49:?8
;.0 e 4@:=D =2E49:?8
=MN0 +:?8=6 D:56 DE23=6
3QPUGHU RNGUMPL
70 u@=5 A=2E65
=MNm |@ 8@=5 A=2E65
u
}FE=:?6 r:>6?D:@?D
>CB;9=5 49<5=A9>=A, E9@9=7 4917@1< 1=4 ?3 2>1@4 ;1F>CB
-?:Em >>
~qp z2J@FE
eahg
k` Ndae


Similar Description - JE762HL2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com