Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LCS61 Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LCS61
Description  1K/2K Software Addressable I2C??Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS61 Datasheet(HTML) 3 Page - Microchip Technology

  24LCS61 Datasheet HTML 1Page - Microchip Technology 24LCS61 Datasheet HTML 2Page - Microchip Technology 24LCS61 Datasheet HTML 3Page - Microchip Technology 24LCS61 Datasheet HTML 4Page - Microchip Technology 24LCS61 Datasheet HTML 5Page - Microchip Technology 24LCS61 Datasheet HTML 6Page - Microchip Technology 24LCS61 Datasheet HTML 7Page - Microchip Technology 24LCS61 Datasheet HTML 8Page - Microchip Technology 24LCS61 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2004 Microchip Technology Inc.
DS21226E-page 3
24LCS61/24LCS62
TABLE 1-2:
AC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING DATA
All parameters apply across the specified
operating ranges unless otherwise noted.
Vcc = +2.5V to 5.5V
Industrial (I): TA = -40°C to +85°C
Parameter
Symbol
VCC = 2.5V - 5.5V
STD MODE
Vcc = 4.5V - 5.5V
FAST MODE
Units
Remarks
Min.
Max.
Min.
Max.
Clock frequency
FCLK
100
400
kHz
Clock high time
THIGH
4000
600
ns
Clock low time
TLOW
4700
1300
ns
SDA and SCL rise time
TR
1000
300
ns
From VIL to VIH (Note 1)
SDA and SCL fall time
TF
300
300
ns
From VIL to VIH (Note 1)
Start condition hold time
THD:STA
4000
600
ns
After this period the first
clock pulse is generated
Start condition setup time
TSU:STA
4700
600
ns
Only relevant for repeated
Start condition
Data input hold time
THD:DAT
0—
0
ns
(Note 2)
Data input setup time
TSU:DAT
250
100
ns
Stop condition setup time
TSU:STO
4000
600
ns
Output valid from clock
TAA
3500
900
ns
(Note 2)
Bus free time
TBUF
4700
1300
ns
Time the bus must be free
before a new transmission
can start
Output fall time
(from 0.7 VCC to 0.3 VCC)
TOF
250
20 +0.1
CB
250
ns
(Note 1), CB ≤ 100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
50
50
ns
(Notes 1, 3)
Write cycle time
TWC
10
10
ms
Byte or Page mode
Endurance
1M
1M
cycles 25°C, VCC = 5.0V, Block
mode (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from our web site.
SCL
SDA
IN
Tsu:sta
SDA
OUT
THD:STA
TLOW
THIGH
TR
TBUF
TAA
THD:DAT
TSU:DAT
TSU:STO
TSP
TF


Similar Part No. - 24LCS61

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
   1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
More results

Similar Description - 24LCS61

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
   1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
   1K/2K 5.0V I2C??Serial EEPROM
2004
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
   2K I2C??Serial EEPROM Software Write-Protect
2011
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
   1K I2C??Serial EEPROM
2005
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com