Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8357J Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8357J
Description  Full bridge vertical deflection output circuit in LVDMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8357J Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8357J Datasheet HTML 1Page - NXP Semiconductors TDA8357J Datasheet HTML 2Page - NXP Semiconductors TDA8357J Datasheet HTML 3Page - NXP Semiconductors TDA8357J Datasheet HTML 4Page - NXP Semiconductors TDA8357J Datasheet HTML 5Page - NXP Semiconductors TDA8357J Datasheet HTML 6Page - NXP Semiconductors TDA8357J Datasheet HTML 7Page - NXP Semiconductors TDA8357J Datasheet HTML 8Page - NXP Semiconductors TDA8357J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Nov 10
5
Philips Semiconductors
Preliminary specification
Full bridge vertical deflection output circuit
in LVDMOS
TDA8357J
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. When the voltage at pin OUTA supersedes 70 V the circuit will limit the voltage.
2. At Tj(max).
3. Equivalent to 200 pF capacitance discharge through a 0
Ω resistor.
4. Equivalent to 100 pF capacitance discharge through a 1.5 k
Ω resistor.
5. Internally limited by thermal protection at Tj ≈ 170 °C.
THERMAL CHARACTERISTICS
In accordance with IEC 747-1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
18
V
VFB
flyback supply voltage
68
V
Vn
DC voltage
pin OUTA
note 1
68
V
pin OUTB
VP
V
pins INA, INB, GUARD and FEEDB
−0.5
VP
V
In
DC current
pins OUTA and OUTB
during scan (p-p)
2.0
A
pins OUTA and OUTB
at flyback (peak); t
≤ 1.5 ms
−±1.2
A
pins INA, INB, GUARD and FEEDB
−20
+20
mA
Ilu
latch-up current
current into any pin; pin voltage
is 1.5
× VP; note 2
+200
mA
current out of any pin; pin voltage
is
−1.5 × V
P; note 2
−200
mA
Ves
electrostatic handling voltage
machine model; note 3
−300
+300
V
human body model; note 4
−2000 +2000 V
Ptot
total power dissipation
8W
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−25
+75
°C
Tj
junction temperature
note 5
150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Rth(j-c)
thermal resistance from junction to case
−−
6
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
−−
65
K/W


Similar Part No. - TDA8357J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

Similar Description - TDA8357J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
TDA8358J PHILIPS-TDA8358J Datasheet
110Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
1999 Dec 22
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com