Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3204 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3204
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3204_07 Datasheet HTML 1Page - Microchip Technology MCP3204_07 Datasheet HTML 2Page - Microchip Technology MCP3204_07 Datasheet HTML 3Page - Microchip Technology MCP3204_07 Datasheet HTML 4Page - Microchip Technology MCP3204_07 Datasheet HTML 5Page - Microchip Technology MCP3204_07 Datasheet HTML 6Page - Microchip Technology MCP3204_07 Datasheet HTML 7Page - Microchip Technology MCP3204_07 Datasheet HTML 8Page - Microchip Technology MCP3204_07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21298D-page 3
MCP3204/3208
Analog Inputs
Input Voltage Range for CH0-
CH7 in Single-Ended Mode
VSS
—VREF
V
Input Voltage Range for IN+ in
pseudo-differential Mode
IN-
VREF+IN-
Input Voltage Range for IN- in
pseudo-differential Mode
VSS-100
VSS+100
mV
Leakage Current
0.001
±1
µA
Switch Resistance
1000
Ω
See Figure 4-1
Sample Capacitor
20
pF
See Figure 4-1
Digital Input/Output
Data Coding Format
Straight Binary
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
——
0.3 VDD
V
High Level Output Voltage
VOH
4.1
V
IOH = -1 mA, VDD = 4.5V
Low Level Output Voltage
VOL
——
0.4
V
IOL = 1 mA, VDD = 4.5V
Input Leakage Current
ILI
-10
10
µA
VIN = VSS or VDD
Output Leakage Current
ILO
-10
10
µA
VOUT = VSS or VDD
Pin Capacitance
(All Inputs/Outputs)
CIN,COUT
——
10
pF
VDD = 5.0V (Note 1)
TAMB = 25°C, f = 1 MHz
Timing Parameters
Clock Frequency
fCLK
2.0
1.0
MHz
MHz
VDD = 5V (Note 3)
VDD = 2.7V (Note 3)
Clock High Time
tHI
250
ns
Clock Low Time
tLO
250
ns
CS Fall To First Rising CLK
Edge
tSUCS
100
ns
Data Input Setup Time
tSU
——
50
ns
Data Input Hold Time
tHD
——
50
ns
CLK Fall To Output Data Valid
tDO
200
ns
See Figures 1-2 and 1-3
CLK Fall To Output Enable
tEN
200
ns
See Figures 1-2 and 1-3
CS Rise To Output Disable
tDIS
100
ns
See Figures 1-2 and 1-3
CS Disable Time
tCSH
500
ns
D
OUT Rise Time
tR
100
ns
See Figures 1-2 and 1-3 (Note 1)
D
OUT Fall Time
tF
100
ns
See Figures 1-2 and 1-3 (Note 1)
Power Requirements
Operating Voltage
VDD
2.7
5.5
V
Operating Current
IDD
320
225
400
µA
VDD=VREF = 5V, DOUT unloaded
VDD=VREF = 2.7V, DOUT unloaded
Standby Current
IDDS
—0.5
2.0
µA
CS = VDD = 5.0V
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, VREF = 5V,
TAMB = -40°C to +85°C,fSAMPLE = 100 ksps and fCLK = 20*fSAMPLE
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: This parameter is established by characterization and not 100% tested.
2: See graphs that relate linearity performance to VREF levels.
3: Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity
performance, particularly at elevated temperatures. See Section 6.2, “Maintaining Minimum Clock Speed”,
for more information.


Similar Part No. - MCP3204_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
More results

Similar Description - MCP3204_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3004 MICROCHIP-MCP3004_08 Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com