Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8360 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8360
Description  Integrated PAL and PAL/NTSC TV processors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8360 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8360 Datasheet HTML 3Page - NXP Semiconductors TDA8360 Datasheet HTML 4Page - NXP Semiconductors TDA8360 Datasheet HTML 5Page - NXP Semiconductors TDA8360 Datasheet HTML 6Page - NXP Semiconductors TDA8360 Datasheet HTML 7Page - NXP Semiconductors TDA8360 Datasheet HTML 8Page - NXP Semiconductors TDA8360 Datasheet HTML 9Page - NXP Semiconductors TDA8360 Datasheet HTML 10Page - NXP Semiconductors TDA8360 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
March 1994
7
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
PINNING (TDA8362)
Fig.4
Pin configuration for
TDA8362.
1
2
3
4
5
6
7
8
9
10
11
12
13
40
39
38
37
36
35
34
33
32
31
30
29
28
27
14
15
16
17
18
19
20
22
23
24
25
26
21
42
41
43
44
45
46
47
48
49
50
51
52
MBC203
TDA8362
AUDEEM
IFDEM1
IFDEM2
IDENT
SOIF
EXTAU
IFOUT
DEC DIG
GND1
VP
GND2
CVBSEXT
CHROMA
BRI
BOUT
GOUT
ROUT
RGBIN
RIN
GIN
BIN
CON
SAT
DEC FT
CVBS INT
PEAKIN
DEC BG
DEC DEM
AUOUT
TUNEADJ
DECAGC
AGCOUT
IFIN2
IFIN1
AFCOUT
VOUT
VRAMP
VFB
PH1LF
PH2LF
FBI/SCO
HOUT
VSTART
XTAL2
XTAL1
DET
XTALOUT
BYO
RYO
RYI
BYI
HUE
SYMBOL
PIN
DESCRIPTION
AUDEEM
1
audio de-emphasis and
± modulation switch
IFDEM1
2
IF demodulator tuned circuit
IFDEM2
3
IF demodulator tuned circuit
IDENT
4
video identification output/MUTE input
SOIF
5
sound IF input and volume control
EXTAU
6
external audio input
IFOUT
7
IF video output
DECDIG
8
decoupling digital supply
GND1
9
ground 1
VP
10
supply voltage (+8 V)
GND2
11
ground 2
DECFT
12
decoupling filter tuning
CVBSINT
13
internal CVBS input
PEAKIN
14
peaking control input
CVBSEXT
15
external CVBS input
CHROMA
16
chrominance and A/V switch input
BRI
17
brightness control input
BOUT
18
blue output
GOUT
19
green output
ROUT
20
red output
RGBIN
21
RGB insertion and blanking input
RIN
22
red input
GIN
23
green input
BIN
24
blue input
CON
25
contrast control input
SAT
26
saturation control input
HUE
27
hue control input (or chrominance output)
BYI
28
B
−Y input signal
RYI
29
R
−Y input signal
RYO
30
R
−Y output signal
BYO
31
B
−Y output signal
XTALOUT
32
4.43 MHz output for TDA8395
DET
33
loop filter burst phase detector
XTAL1
34
3.58 MHz crystal connection
XTAL2
35
4.43 MHz crystal connection
VSTART
36
supply/start horizontal oscillator
HOUT
37
horizontal output
FBI/SCO
38
flyback input/sandcastle output
PH2LF
39
phase 2 loop filter
PH1LF
40
phase 1 loop filter


Similar Part No. - TDA8360

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
TDA8366H PHILIPS-TDA8366H Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
More results

Similar Description - TDA8360

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
   I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
logo
Mitsubishi Electric Sem...
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
   NTSC / PAL TV SIGNAL PROCESSOR
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
M52770ASP MITSUBISHI-M52770ASP Datasheet
178Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
M52771ASP RENESAS-M52771ASP Datasheet
232Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com