Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD29DHR Datasheet(PDF) 3 Page - Jianghai Europe GmbH

Part # CD29DHR
Description  EC Snap-In 85째C Longest Lifetime 7.000h Miniaturized (Snap-In)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD29DHR Datasheet(HTML) 3 Page - Jianghai Europe GmbH

  CD29DHR Datasheet HTML 1Page - Jianghai Europe GmbH CD29DHR Datasheet HTML 2Page - Jianghai Europe GmbH CD29DHR Datasheet HTML 3Page - Jianghai Europe GmbH CD29DHR Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8
Part Number System
EC
R
1C
PT
101
M
FF
2
0611
JExxxxx
Technology
Terminal
Type
Rated Voltage
Code
Series Code
Capacitance
Code (in µF)
Capacitance
Tolerance
Lead Form
Terminal/
Pitch Size
Dimension
for Specials only
EC = Electr
olytic
Capacitor
SMD
= V
For coding
please refer
to the pages
of ratings
CD VS
= BS
0,47 = R47 ±20%
= M SMD:
4x7
= 0407
Radial = R
CD VH
= VH
1,0 = 010 ±10%
= K
Taped
= FF
Terminal = T2
5x11,5
= 0511
PC = Polymer
Capacitor
Snap-In = S
CD VZ
= VZ
2,2 = 2R2 +30 / -10% = Q Radial:
6,3x11,5 = 0611
CD 261
= LK
100 = 101 +50 / -10% = T
Long Lead
= LL
2,0mm
= 20
35x80
= 3580
CD 261X
= QX
1 000 = 102
Cut 5,0mm
= CB
2,5mm
= 25
45x100 = 45100
CD 262
= QM
10 000 = 103
Cut ,mm
=
CC
3,5mm
= 35
CD 26
= BK
Cut 4,0mm
= CD
5,0mm
= 50
CD 269
= PH
Cut 3,5mm
= CE
7,5mm
= 75
CD 281
= LL
Cut 3,0mm
= CF
10,0mm = 10
CD 28
= XY
on request: alternative lead forms
(axial, 90° - angle, others)
12,5mm = 12
CD 287
= GC
CD 28L
= QL
Snap-In:
CD 29
= BZ
4,0mm Pin Length
= T4
2 Pin
= P2
CD 29
= BW
6,mm Pin Length = T6
3 Pin
= P3
CD 29
= BC
Soldering Pin
= S4
4 Pin
= P4
CD 296
= KC
5 Pin
= P5
CD 297
= BB
preferred
CD 299
= PG
CD 29D
= HR
CD 29H
= QH
CD 29L
= QL
HCP
= CP
HPM
= PM
HVC
= VC
Order Code SMD, Radial, Snap-In
Technical Specification SMD Type
Dimensions
Ø DxL
x,
x,
6,x, 6,x7,7 8x10,
8x11,8 10x10, 10x12,7
A
1,8
2,1
2,4
2,5
2,9
2,9
3,2
3,2
B
4,3
5,3
6,6
6,6
8,3
8,4
10,3
10,4
C
4,3
5,3
6,6
6,6
8,3
8,4
10,3
10,4
E
1,0
1,3
2,2
2,2
3,1
3,1
4,5
4,5
L
5,4
5,4
5,4
7,7
10,5
11,8
10,5
12,7
W
0,5 - 0,8
0,7 - 1,1
in mm
Size (DxL) w ± 0,
A ± 0,2
B ± 0,2
P ± 0,1
t2 ± 0,2
F ± 0,1
t1 ± 0,1
4 x 5,4
12,0
5,0
5,0
8,0
5,8
5,5
0,4
5 x 5,4
12,0
6,0
6,0
12,0
5,8
5,5
0,4
6,3 x 5,4
16,0
7,0
7,0
12,0
5,8
7,5
0,4
6,3 x 7,7
16,0
7,0
7,0
12,0
8,4
7,5
0,4
8 x 10,5
24,0
8,7
8,7
16,0
11,0
11,5
0,5
8 x 11,8
24,0
8,7
8,7
16,0
12,3
11,5
0,5
10 x 10,5
24,0
10,7
10,7
16,0
11,0
11,5
0,5
10 x 12,7
24,0
10,7
10,7
16,0
14,0
11,5
0,5
in mm
Taping Dimensions
Diameter
w
D
4; 5
14 ± 1
50 ± 1
6,3
18 ± 1
50 ± 1
8; 10
25 ± 1
50 ± 1
Polymer
25 ± 1
80 ± 1
in mm
For more details or Soldering Profiles of Radials or Polymer-Capacitors
please contact our local Sales Offices.
Allowable Range of Peak Temperature
Size
T (°C)
t (second)
t1 (second)
Ø 4 ~ 6,3
250
90
40
Ø 8 x 10,5
240
90
30
Ø 10 x 10,5
235
60
30
Soldering Profile (Aluminium Electrolytic Capacitors)
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Similar Part No. - CD29DHR

ManufacturerPart #DatasheetDescription
logo
celduc-relais
CD29 CELDUC-CD29 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGE OVER
logo
Molex Electronics Ltd.
CD2901 MOLEX4-CD2901 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
CD2903 MOLEX4-CD2903 Datasheet
2Mb / 3P
   InsulKrimp??Quick Disconnect
logo
Jianghai Europe GmbH
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
More results

Similar Description - CD29DHR

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD299PG JIANGHAI-CD299PG Datasheet
869Kb / 4P
   EC Snap-In 105째C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)
CD29LQL JIANGHAI-CD29LQL Datasheet
1Mb / 4P
   EC Snap-In 85째C Long Lifetime 7.000h Highest Ripple Currents Largest Size(Snap-In)
CD293BZ JIANGHAI-CD293BZ Datasheet
816Kb / 5P
   EC Snap-In Standard 85째C 4.000h Lifetime (Snap-In)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD295BC JIANGHAI-CD295BC Datasheet
992Kb / 5P
   EC Snap-In 85째C Long Lifetime 6.000h High Ripple Currents(Snap-In)
CD29HQH JIANGHAI-CD29HQH Datasheet
986Kb / 4P
   EC Snap-In 105째C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
CD294BW JIANGHAI-CD294BW Datasheet
926Kb / 5P
   EC Snap-In Standard 105째C 4.000h Lifetime(Snap-In)
CD262QM JIANGHAI-CD262QM Datasheet
898Kb / 4P
   EC 105째C Longest Lifetime 12.000 - 14.000h Miniaturized(Radial)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
logo
RUBYCON CORPORATION
450MXG220MEFCSN30X30 RUBYCON-450MXG220MEFCSN30X30 Datasheet
280Kb / 3P
   105??Miniaturized, Snap-in Terminal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com