Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE935HTR2 Datasheet(PDF) 1 Page - Hongfa Technology

Part # JE935HTR2
Description  HIGH POWER LATCHING RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE935HTR2 Datasheet(HTML) 1 Page - Hongfa Technology

  JE935HTR2 Datasheet HTML 1Page - Hongfa Technology JE935HTR2 Datasheet HTML 2Page - Hongfa Technology JE935HTR2 Datasheet HTML 3Page - Hongfa Technology JE935HTR2 Datasheet HTML 4Page - Hongfa Technology JE935HTR2 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DhgmZ\m
ZkkZg`^f^gm
=QN^_\Q]
Sbg`e^ Dhbe? 635W@ Ehn[e^ Dhbe? 735W
Gbe^ Nh3?DQD57556556>:5
Eb^e^\mkb\
lmk^g`ma
Sah\dk^lblmZg\^
IONHGB RFLBY
Dhbe ihp^k
Gbe^ Nh3?F6889=6
JSO>556eJSO4TS6;>9> eJSO69556 eOISBS6=556 DFRTJGJFE
755< R^o3 7355
95B 7:5VBD Zm <5
:5B 7:5VBD Zm <5
;5B 7:5VBD Zm <5
95B 7:5VBD Zm <5
:5B 7:5VBD Zm <5
;5B 7:5VBD Zm <5
7;5
DZ^Q]7 60 Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l3
70 FjnboZe^gm mh ma^ fZq3 bgbmbZe \hgmZ\m k^lblmZg\^ bl :5f /Zm
6B 79VED01 Zg] f^Zlnk^] pa^g \hbe bl ^g^k`bs^] pbma 655,
ghfbgZe ohemZ`^ Zm 7: 3
80 Wa^g k^jnbkbg` hma^k ghfbgZe ohemZ`^1 li^\bZe hk]^k Zeehp^]3
DZ^Q]7 Oger lhf^ mrib\Ze kZmbg`l Zk^ eblm^] Z[ho^3 J_ fhk^ ]^mZbel Zk^
k^jnbk^]1 ie^Zl^ \hgmZ\m nl3
h ;5B lpbm\abg` \ZiZ[bebmr
h 9dV ]b^e^\mkb\ lmk^g`ma
/[^mp^^g \hbe Zg] \hgmZ\ml0
h I^Zor ehZ] ni mh 6:555VB
h Fgobkhgf^gmZe _kb^g]er ikh]n\m
/RhIS \hfiebZgm0
h Onmebg^ Ebf^glbhgl? /8=35 q 8535 q 6;350 ff
A<6
6B
Tri3? 655fV /Zm 65B0
MZq3? 7:5fV /Zm 65B0
B`SgO71 B`D]O
;5B 7:5VBD :5B 7:5VBD 95B 7:5VBD
:555 OPS
65555 OPS 655555 OPS
DhgmZ\m fZm^kbZe
JglneZmbhg k^lblmZg\^
C^mp^^g \hbe - \hgmZ\ml
C^mp^^g hi^g \hgmZ\ml
Dk^^iZ`^ ]blmZg\^
Oi^kZm^ mbf^ /Zm ghfb3 ohem30
R^e^Zl^ mbf^ /Zm ghfb3 ohem30
Gng\mbhgZe
E^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^
Infb]bmr
Bf[b^gm m^fi^kZmnk^
T^kfbgZmbhg
Ugbm p^b`am
Dhglmkn\mbhg
6555M /Zm :55VED0
9555VBD 6fbg
6:55VBD 6fbg
=ff
75fl fZq3
75fl fZq3
655f4l7 /65`0
6555f4l7 /655`0
65Is mh ::Is 63:ff EB
>=, RI1 95
295
mh <5
PDC-QD
Biikhq3 88`
WZla mb`am1 Enlm ikhm^\m^]
Pb\d2ni
VhemZ`^
VED
Pnel^
EnkZmbhg
fl
:
;
>
67
79
9=
:
;
>
67
79
9=
83:
937
;38
=39
6;3=
883;
83:
937
;38
=39
6;3=
883;
:5
:5
:5
:5
:5
:5
:5
:5
:5
:5
:5
:5
Sbg`e^
Dhbe
79q/6 65,0
8:q/6 65,0
=5q/6 65,0
69:q/6 65,0
:<:q/6 65,0
77<5 q /6 65,0
7q67q/6 65,0
7q6<3:q/6 65,0
7q95q/6 65,0
7q<7q/6 65,0
7q7=:q/6 65,0
7q668:q/6 65,0
?@>? FEL<G B8I:?@D> G<B8M
:EDI8:I ;8I8
:?8G8:I<G@HI@:H
:E@B
Dhbe R^lblmZg\^
:E@B ;8I8 80
NhfbgZe
VhemZ`^
VED
Ehn[e^
Dhbel
H8=<IM 8FFGEK8B G8I@D>H
JB}:JG
B`D]O
B`SgO7
/IG=:5>0
VhemZ`^ ]khi 70
MZq3 lpbm\abg` ohemZ`^
MZq3 lpbm\abg` \nkk^gm
MZq3 lpbm\abg` ihp^k
M^\aZgb\Ze ^g]nkZg\^
Fe^\mkb\Ze ^g]nkZg\^
7:5VBD
;5B
6:555VB
6q65; OPS
6q65: OPS /Zm 95B 7:5VBD0
DhgmZ\m kZmbg`
/R^l3 ehZ]0


Similar Description - JE935HTR2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com