Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD287GC Datasheet(PDF) 1 Page - Jianghai Europe GmbH

Part # CD287GC
Description  EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD287GC Datasheet(HTML) 1 Page - Jianghai Europe GmbH

  CD287GC Datasheet HTML 1Page - Jianghai Europe GmbH CD287GC Datasheet HTML 2Page - Jianghai Europe GmbH CD287GC Datasheet HTML 3Page - Jianghai Europe GmbH CD287GC Datasheet HTML 4Page - Jianghai Europe GmbH CD287GC Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7
Item
Characteristics
Operating Temperature Range (°C)
-55 ~ +105
Voltage Range (V)
6,3 ~ 100
Capacitance Range (µF)
0,47 ~ 15 000
Capacitance Tolerance (20°C, 120Hz)
± 20%
Leakage Current (µA)
After 2 minutes at 20°C application of rated voltage, leakage current is not more than 0,02CV or 3, whichever is greater.
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
6,
10
16
2

0
6
100
Tan
δ(max)
0,22
0,19
0,16
0,14
0,12
0,10
0,09
0,08
For Capacitances >1 000µF add 0,02 to every 1 000µF
Stability at Low Temperature
(Impedance Ratio at 120Hz)
Rated Voltage (V)
6,3 ~ 100
Z
-55°C / Z +20°C
3
4 000 - 10 000h at 105°C
· Low Impedance
· High Ripple Current
· SMPS, UPS
CD
287 GC Series
Useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
Ø ≤ 6
Ø 8-10
Ø ≥ 12
:  000h
: 6 000h
: 10 000h
Ø ≥ 8: > 250 000h
Ø ≤ 6
Ø 8-10
Ø ≥ 12
: 2 000h
: 3 000h
: 5 000h
Ø ≤ 6
Ø 8-10
Ø ≥ 12
: 3 000h
: 5 000h
: 7 000h
1 000h
Leakage Current
Not more than specified value
Not more than
specified value
Not more than
specified value
Not more than specified
value
Capacity Change
Within ± 30% of initial value
Within ± 20% of
initial value
Within ± 20% of initial
value
Within ± 20% of initial
value
Dissipation Factor
Not more than 300% of specified value
Not more than 200%
of specified value
Not more than 200%
of specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
Failure Rate Level
U
R
I
R
105°C
≤ 1% Failure Rate
U
R
1,4 x I
R
40°C
≤ 1% Failure Rate
U
R
I
R
105°C
guaranteed
U
R
I
R = 0
105°C
U
R = 0
I
R
= 0
105°C
After test:
U
R to be applied
for 30min
>24h before
measurement
Frequency
Capacitance (µF)
120Hz
1kHz
10kHz
100kHz
0,47 ~ 4,7
0,40
0,68
0,83
1,00
5,6 ~ 47
0,50
0,76
0,87
1,00
56 ~ 270
0,70
0,85
0,90
1,00
330 ~ 1 000
0,80
0,93
0,98
1,00
1 200 ~ 15 000
0,90
0,95
1,00
1,00
Multiplier for Ripple Current
Frequency Coefficient
I
A = actual ripple current at 100kHz, IR = rated ripple current at 100kHz, 105°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Lifetime Diagram
40
50
60
70
80
90
100
110
CD 287 GC Series
TA (˚C)
IA
–––
IR
2.5
2.0
1.5
1.0
0.5
0.0
X32
X16
X8
X4
X2
X1
Lifetime
Multiplier
CD
269 PH
CD
284 XY
CD
287 GC
125°C
CD
281 LL
lower ESR
longest life
CD
110 PT
CD
28L QL
lowest ESR
85°C
smaller
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Similar Part No. - CD287GC

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD2810 CDI-DIODE-CD2810 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
logo
List of Unclassifed Man...
CD2822 ETC2-CD2822 Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
CD2822ACB ETC2-CD2822ACB Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
More results

Similar Description - CD287GC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD284XY JIANGHAI-CD284XY Datasheet
976Kb / 5P
   EC Radial 105째C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
CD28LQL JIANGHAI-CD28LQL Datasheet
979Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR Miniaturized(Radial)
CD261XQX JIANGHAI-CD261XQX Datasheet
907Kb / 4P
   EC 105째C Long Lifetime 7.000 - 12.000h Highest Ripple Currents Miniaturized(Radial)
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD263BK JIANGHAI-CD263BK Datasheet
982Kb / 5P
   EC Radial Standard 105째C 2.000 - 3.000h Lifetime(Radial)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
CD261LK JIANGHAI-CD261LK Datasheet
942Kb / 4P
   EC 105째C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD262QM JIANGHAI-CD262QM Datasheet
898Kb / 4P
   EC 105째C Longest Lifetime 12.000 - 14.000h Miniaturized(Radial)
CD138PC JIANGHAI-CD138PC Datasheet
1Mb / 4P
   EC Screw 85째C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com