Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6920DB Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6920DB
Description  Synchronous rectifier step up converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6920DB Datasheet HTML 4Page - STMicroelectronics L6920DB Datasheet HTML 5Page - STMicroelectronics L6920DB Datasheet HTML 6Page - STMicroelectronics L6920DB Datasheet HTML 7Page - STMicroelectronics L6920DB Datasheet HTML 8Page - STMicroelectronics L6920DB Datasheet HTML 9Page - STMicroelectronics L6920DB Datasheet HTML 10Page - STMicroelectronics L6920DB Datasheet HTML 11Page - STMicroelectronics L6920DB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Detailed description
L6920DB
8/16
So, in case of light load, the device works in PFM mode, as shown in Figure 8:
Figure 6.
PFM mode condition: Vout = 5V; Vbatt =1.5V ; C2 = Vout ; C3 = Inductor
Current
Figure 7 shows how the device works in case of heavy load.
Figure 7.
Heavy load conditions C2 = Vout; C3 = Inductor Current; Vout = 5V;
Vbatt=1.5V


Similar Part No. - L6920DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920D STMICROELECTRONICS-L6920D Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
L6920D STMICROELECTRONICS-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
L6920DC STMICROELECTRONICS-L6920DC Datasheet
398Kb / 16P
   Synchronous rectifier step up converter
L6920DCTR STMICROELECTRONICS-L6920DCTR Datasheet
398Kb / 16P
   Synchronous rectifier step up converter
L6920DTR STMICROELECTRONICS-L6920DTR Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results

Similar Description - L6920DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920DC STMICROELECTRONICS-L6920DC Datasheet
398Kb / 16P
   Synchronous rectifier step up converter
logo
Analog Intergrations Co...
AIC3417 AIC-AIC3417 Datasheet
623Kb / 13P
   1.0A Synchronous Step-Up Converter
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
logo
STMicroelectronics
EVAL6920D STMICROELECTRONICS-EVAL6920D Datasheet
94Kb / 4P
   EVAL6920D 1A high efficiency synchronous Rectifier step up converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Eutech Microelectronics...
EUP2410 EUTECH-EUP2410 Datasheet
127Kb / 1P
   1.6A, 500KHz Synchronous Step-up Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM5177 HMSEMI-HM5177 Datasheet
1Mb / 6P
   Sync. Rectifier Step Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com