Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8421 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8421
Description  Hi-fi stereo audio processor; I2C bus
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8421 Datasheet HTML 6Page - NXP Semiconductors TDA8421 Datasheet HTML 7Page - NXP Semiconductors TDA8421 Datasheet HTML 8Page - NXP Semiconductors TDA8421 Datasheet HTML 9Page - NXP Semiconductors TDA8421 Datasheet HTML 10Page - NXP Semiconductors TDA8421 Datasheet HTML 11Page - NXP Semiconductors TDA8421 Datasheet HTML 12Page - NXP Semiconductors TDA8421 Datasheet HTML 13Page - NXP Semiconductors TDA8421 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
May 1988
10
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Note
1. Equivalent to discharging a 100 pF capacitor through a 1,5 k
Ω resistor.
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VCC
016
V
Voltage range at pins for external capacitors
pins 2, 6, 8 to 10, 19 to 21, 23 to 25, 27
Vcap
0VCC
V
pin 13
VSDA
0VCC
V
pin 14
VSCL
0VCC
V
pin 15
VEXSN
0VCC
V
pin 16
VMAD
0VCC
V
Voltage range
at pins 1, 3, 7, 11, 18, 22, 26, 28
VI, VO
0VCC
V
Output current at pins 7, 11, 18, 22
IO
45
mA
Total power dissipation
at Tamb < 70 °CPtot
1350
mW
Operating ambient temperature range
Tamb
070
°C
Storage temperature range
Tstg
−25
150
°C
Electrostatic handling(1)
±VESD
2000
V


Similar Part No. - TDA8421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8425 PHILIPS-TDA8425 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
More results

Similar Description - TDA8421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com