Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A49LF040ATL-33F Datasheet(PDF) 6 Page - AMIC Technology

Part # A49LF040ATL-33F
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49LF040ATL-33F Datasheet(HTML) 6 Page - AMIC Technology

Back Button A49LF040ATL-33F Datasheet HTML 2Page - AMIC Technology A49LF040ATL-33F Datasheet HTML 3Page - AMIC Technology A49LF040ATL-33F Datasheet HTML 4Page - AMIC Technology A49LF040ATL-33F Datasheet HTML 5Page - AMIC Technology A49LF040ATL-33F Datasheet HTML 6Page - AMIC Technology A49LF040ATL-33F Datasheet HTML 7Page - AMIC Technology A49LF040ATL-33F Datasheet HTML 8Page - AMIC Technology A49LF040ATL-33F Datasheet HTML 9Page - AMIC Technology A49LF040ATL-33F Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
A49LF040A
PRELIMINARY (March, 2006, Version 0.1)
5
AMIC Technology, Corp.
Absolute Maximum Ratings
*
Temperature Under Bias . . . . . . . . . .. . . . -55
°C to + 125°C
Storage Temperature . . . . . . . . . . . . . . . . . -65
°C to + 125°C
D.C. Voltage on Any Pins with Respect to Ground
(1)
. . . . . . . . . . . . . . . . . . . . . . . . . ... . . . . . -0.5V to VDD + 0.5V
Package Power Dissipation Capability (Ta=25
°C)
. . . . . . . . . . . . . . . . . . . . . . . . …. . . . . . -0.5V to VDD + 0.5V
Output Short Circuit Current
(2) . . . . . . . . . . . . . . . . .
50mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During voltage
transitions, input or I/O pins may undershoot VSS to -2.0V for
periods of up to 20ns. Maximum DC voltage on input and I/O
pins is VDD + 0.5V. During voltage transitions, input or I/O pins
may overshoot to VDD + 2.0V for periods up to 20ns.
2. No more than one output is shorted at a time. Duration of the
short circuit should not be greater than one second.
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may
cause permanent damage to this device. These are stress ratings
only. Functional operation of this device at these or any other
conditions above those indicated in the operational sections of these
specifications are not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may affect device
reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . . . 0
°C to +85°C
VDD Supply Voltages
VDD for all devices . . . . . . . . . . . . . . . . . . . . +3.0V to +3.6V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
MODE SELECTION
The A49LF040A flash memory devices can operate in two
distinct interface modes: the Low Pin Count Interface (LPC)
mode and the Address/Address Multiplexed (A/A Mux) mode.
The Mode pin is used to set the interface mode selection. If
the Mode pin is set to logic High, the device is in A/A Mux
mode; while if the Mode pin is set Low, the device is in the
LPC mode. The Mode pin must be configured prior to device
operation. The Mode pin is internally pulled down if the pin is
not connected. In LPC mode, the device is configured to
interface with its host using Intel’s Low Pin Count proprietary
protocol. Communication between Host and the A49LF040A
occurs via the 4-bit I/O communication signals, LAD[3:0] and
the LFRAME . In A/A Mux mode, the device is programmed
via an 11-bit address A10-A0 and an 8-bit data I/O7-I/O0. The
address inputs are multiplexed in row and column selected
by control signal
C
R/
pin. The column addresses are
mapped to the higher internal addresses, and the row
addresses are mapped to the lower internal addresses. See
the Device Memory Maps in Figure 3 for address assignment.
LPC MODE OPERATION
The LPC interface consists of four data signals (LAD[3:0]),
one control signal ( LFRAME ) and a clock (LCLK). The data
signals, control signal and clock comply with PCI
specifications. Operations such as Memory Read and
Memory Write use Intel LPC propriety protocol. JEDEC
Standard SDP (Software Data Protection) Byte-Program and
Block-Erase command sequences are incorporated into the
LPC memory cycles. Chip-Erase command is only available
in A/A Mux mode. The addresses and data are transferred
through LAD[3:0] synchronized with the input clock LCLK
during a LPC memory cycle. The pulse of LFRAME is
inserted for at least one clock period to indicate the start of a
LPC memory cycle. The address or data on LAD[3:0] is
latched on the rising edge of LCLK. The device enters
standby mode when LFRAME is high and no internal
operation is in progress. The device is in ready mode when
LFRAME is low and no activity is on the LPC bus.
LPC Read Operation
LPC Read operations read from the memory cells or specific
registers in the LPC device. A valid LPC Read operation
starts when LFRAME is Low as LCLK rises and a START
value “0000b” is on LAD[3:0] then the next nibble “010X” is
on LAD[3:0]. Addresses and data are transferred to and from
the device decided by a series of “fields”. Field sequences
and contents are strictly defined for LPC Read operations.
Refer to Table 2 for LPC Read Cycle Definition.
LPC Write Operation
LPC Write operations write to the LPC Interface or LPC
registers. A valid LPC Write operation starts when LFRAME
is Low as LCLK rises and a START value “0000b” is on
LAD[3:0] then the next nibble “011X” is on LAD[3:0].
Addresses and data are transferred to and from the device
decided by a series of “fields”. Field sequences and contents
are strictly defined for LPC Write operations. Refer to Table 3
for LPC write Cycle Definition.
LPC Abort Operation
If LFRAME is driven low for one or more clock cycles during
a LPC cycle, the cycle will be terminated and the device will
wait for the ABORT command. The host may drive the
LAD[3:0] with “1111b” (ABORT command) to return the
device to Ready mode. If abort occurs during a Write
operation such as checking the operation status with Data
Polling (I/O7) or Toggle Bit (I/O6) pins, the read status cycle
will be aborted but the internal write operation will not be
affected. In this case, only the reset operation initiated by
RST or INIT pin can terminate the Write operation.
Response To Invalid Fields
During LPC operations, the LPC will not explicitly indicate
that it has received invalid field sequences. The response to
specific invalid fields or sequences is as follows:


Similar Part No. - A49LF040ATL-33F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TL-33 AMICC-A49LF040TL-33 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TL-33F AMICC-A49LF040TL-33F Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TX-33 AMICC-A49LF040TX-33 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040TX-33F AMICC-A49LF040TX-33F Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results

Similar Description - A49LF040ATL-33F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
STMicroelectronics
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
logo
ATMEL Corporation
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com