Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8123ACPZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8123ACPZ-RL
Description  Triple Differential Receiver with Adjustable Line Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8123ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 9Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 10Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 11Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 12Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 13Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 14Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8123
Rev. 0 | Page 11 of 16
APPLICATIONS INFORMATION
BASIC OPERATION
The AD8123 is easy to apply seeing that it contains everything
on-chip that is needed for cable loss compensation. Figure 20
shows a basic application circuit (power supplies not shown)
with common-mode sync pulse extraction that is compatible
with the common-mode sync pulse encoding technique used in
the AD8134, AD8147, and AD8148 triple differential drivers. If
sync extraction is not required, the terminations can be single
100 Ω resistors, and the comparator inputs can be left floating.
In Figure 20, the AD8123 is feeding a high impedance input,
such as a delay line or crosspoint switch, and the additional gain
of two that makes up for double termination loss is not required.
COMPARATORS
In addition to general-purpose applications, the two on-chip
comparators can be used to extract video sync pulses from the
received common-mode voltages or to receive differential digital
information. Built-in hysteresis helps to eliminate false triggers
from noise. The Sync Pulse Extraction Using Comparators
section describes the sync extraction details.
The comparator outputs have nearly 0 Ω output impedance and
are designed to drive source-terminated transmission lines. The
source termination technique uses a resistor in series with each
comparator output such that the sum of the comparator source
resistance (≈0 Ω) and the series resistor equals the transmission
line characteristic impedance. The load end of the transmission
line is high impedance. When the signal is launched into the source
termination, its initial value is one-half of its source value because
its amplitude is divided by two in the voltage divider formed by
the source termination and the transmission line. At the load,
the signal experiences nearly 100% positive reflection due to the
high impedance load and is restored to nearly its full value. This
technique is commonly used in PCB layouts that involve high
speed digital logic.
Figure 19 shows how to apply the comparators with source
termination when driving a 50 Ω transmission line that is high
impedance at its receive end.
49.9
HIGH-Z
Z0 = 50Ω
Figure 19. Using Comparator with Source Termination
18
RED
BLUE
GREEN
CMV
RED CMV
BLUE CMV
AD8123
15
12
6
4
VPEAK
26
25
27
23
28
VPOLE
VOFFSET
VGAIN
HSYNC OUT
VSYNC OUT
32
31
GREEN
35
34
38
37
3
2
7
8
RECEIVED
RED VIDEO
RECEIVED
GREEN VIDEO
RECEIVED
BLUE VIDEO
RED VIDEO OUT
GREEN VIDEO OUT
BLUE VIDEO OUT
ANALOG
CONTROL
INPUTS
POWER DOWN
CONTROL
GND REFERENCE
24, 39
PD
1
2
1kΩ
1kΩ
49.9Ω
49.9Ω
49.9Ω
475Ω
49.9Ω
49.9Ω
49.9Ω
47pF
47pF
Figure 20. Basic Application Circuit with Common-Mode Sync Extraction


Similar Part No. - AD8123ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8123ACPZ-RL AD-AD8123ACPZ-RL Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ-RL1 AD-AD8123ACPZ-RL1 Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
More results

Similar Description - AD8123ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8124 AD-AD8124 Datasheet
324Kb / 16P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128 Datasheet
311Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Micrel Semiconductor
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com