Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4550KC-TRL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM4550KC-TRL
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4550KC-TRL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM4550KC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APM4550KC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - May, 2007
www.anpec.com.tw
3
APM4550K
Notes:
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%.
b : Guaranteed by design, not subject to production testing.
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM4550K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Diode Characteristics
ISD=2.5A, VGS=0V
N-Ch
0.8
1.3
VSD
a
Diode Forward Voltage
ISD=-2A, VGS=0V
P-Ch
-0.8
-1.3
V
N-Ch
8
trr
Reverse Recovery Time
P-Ch
13
ns
N-Ch
3
Qrr
Reverse Recovery
Charge
N-Channel
ISD=7A, dlSD/dt=100A/
µs
N-Channel
ISD=-5A, dlSD/dt=100A/
µs
P-Ch
5
nC
Dynamic Characteristics
b
N-Ch
2
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
P-Ch
8.3
N-Ch
620
Ciss
Input Capacitance
P-Ch
590
N-Ch
85
Coss
Output Capacitance
P-Ch
95
N-Ch
65
Crss
Reverse Transfer
Capacitance
N-Channel
VGS=0V,
VDS=15V,
Frequency=1.0MHz
P-Channel
VGS=0V,
VDS=-15V,
Frequency=1.0MHz
P-Ch
70
pF
N-Ch
6
11
td(ON)
Turn-on Delay Time
P-Ch
5
9
N-Ch
10
18
Tr
Turn-on Rise Time
P-Ch
12
23
N-Ch
22
41
td(OFF)
Turn-off Delay Time
P-Ch
27
50
N-Ch
3
6
Tf
Turn-off Fall Time
N-Channel
VDD=15V, RL=15
Ω,
IDS=1A, VGEN=10V,
RG=6
P-Channel
VDD=-15V, RL=15
Ω,
IDS=-1A, VGEN=-10V,
RG=6
P-Ch
13
24
ns
Gate Charge Characteristics
b
N-Ch
14
19
Qg
Total Gate Charge
P-Ch
11
15
N-Ch
1.4
Qgs
Gate-Source Charge
P-Ch
1.3
N-Ch
2.6
Qgd
Gate-Drain Charge
N-Channel
VDS=15V, VGS=10V,
IDS=7A
P-Channel
VDS=-15V, VGS=-10V,
IDS=-5A
P-Ch
2.7
nC


Similar Part No. - APM4550KC-TRL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM4550KC-TRL VBSEMI-APM4550KC-TRL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - APM4550KC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com