Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS271CN Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS271CN
Description  CMOS Programmable Low Power Single Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271CN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS271CN Datasheet HTML 3Page - STMicroelectronics TS271CN Datasheet HTML 4Page - STMicroelectronics TS271CN Datasheet HTML 5Page - STMicroelectronics TS271CN Datasheet HTML 6Page - STMicroelectronics TS271CN Datasheet HTML 7Page - STMicroelectronics TS271CN Datasheet HTML 8Page - STMicroelectronics TS271CN Datasheet HTML 9Page - STMicroelectronics TS271CN Datasheet HTML 10Page - STMicroelectronics TS271CN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
Electrical Characteristics
TS271
Typical characteristics for ISET = 1.5µA
Figure 7. Supply current versus supply
voltage
Figure 8. Input bias current versus free air
temperature
Figure 9. High level output voltage versus
high level output current
CC
SUPPLY VOLTAGE, V
(V)
amb
V
OCC
°
0
48
12
16
20
T= 25 C
A= 1
V= V
/ 2
15
10
5
25
50
75
100
125
amb
TEMPERATURE, T
( °C)
V
= 10V
V = 5V
CC
i
100
10
1
5
4
3
2
1
0
-10
-8
-6
-4
-2
0
OH
OUTPUT CURRENT, I
(mA)
amb
id
T
= 25 C
V
= 100mV
°
V
= 5V
V= 3V
CC
CC
Figure 10. High level output voltage versus
high level output current
Figure 11. Low level output voltage versus low
level output current
Figure 12. Low level output voltage versus low
level output current
20
16
12
8
4
0
-50
-40
-30
-20
-10
0
amb
id
°
T
= 25 C
V
= 100mV
V
= 16V
CC
CC
V
= 10V
OUTPUT CURRENT, I
(mA)
OH
1.0
0.8
0.6
0.4
0.2
amb
ic
id
T= 2 5 ° C
V
= 0.5V
V
= -1 00m V
V
=3 V
V= 5 V
CC
CC
01
2
3
O U T P U T CURR E N T , I
(m A )
OL
0
4
81 21 6
2 0
amb
id
i
T
= 25°C
V= 0 .5 V
V
= -1 00m V
V= 1 0 V
CC
V= 1 6 V
O U T P UT CU RRE NT , I
(m A )
OL
3
2
1
CC


Similar Part No. - TS271CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS271C STMICROELECTRONICS-TS271C Datasheet
168Kb / 15P
   PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
TS271C STMICROELECTRONICS-TS271C Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
TS271CAC STMICROELECTRONICS-TS271CAC Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
TS271CB STMICROELECTRONICS-TS271CB Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - TS271CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271 Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
ULV7011 UTC-ULV7011 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7012 UTC-ULV7012 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7013 UTC-ULV7013 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM832B ELM-TECH-ELM832B Datasheet
118Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Electronics
ELM842-SERIES ELM-ELM842-SERIES Datasheet
937Kb / 10P
   CMOS Low power operational amplifier
ELM832-SERIES ELM-ELM832-SERIES Datasheet
879Kb / 9P
   CMOS Low power operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com