Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84112B0000A060 Datasheet(PDF) 10 Page - EPCOS

Part # B84112B0000A060
Description  2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84112B0000A060 Datasheet(HTML) 10 Page - EPCOS

Back Button B84112B0000A060 Datasheet HTML 2Page - EPCOS B84112B0000A060 Datasheet HTML 3Page - EPCOS B84112B0000A060 Datasheet HTML 4Page - EPCOS B84112B0000A060 Datasheet HTML 5Page - EPCOS B84112B0000A060 Datasheet HTML 6Page - EPCOS B84112B0000A060 Datasheet HTML 7Page - EPCOS B84112B0000A060 Datasheet HTML 8Page - EPCOS B84112B0000A060 Datasheet HTML 9Page - EPCOS B84112B0000A060 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EMC filters
Important notes
The following applies to all products named in this publication:
1. Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application. As
a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them
than the customers themselves. For these reasons, it is always ultimately incumbent on the
customer to check and decide whether an EPCOS product with the properties described in the
product specification is suitable for use in a particular customer application.
2. We also point out that in individual cases, a malfunction of passive electronic components
or failure before the end of their usual service life cannot be completely ruled out in the
current state of the art, even if they are operated as specified. In customer applications
requiring a very high level of operational safety and especially in customer applications in which
the malfunction or failure of a passive electronic component could endanger human life or health
(e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of
suitable design of the customer application or other action taken by the customer (e.g.
installation of protective circuitry or redundancy) that no injury or damage is sustained by third
parties in the event of malfunction or failure of a passive electronic component.
3. The warnings, cautions and product-specific notes must be observed.
4. In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as “hazardous”). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5. We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products.
Consequently, we cannot guarantee that all products named in this publication will always be
available.
6. Unless otherwise agreed in individual contracts, all orders are subject to the current version
of the “General Terms of Delivery for Products and Services in the Electrical Industry”
published by the German Electrical and Electronics Industry Association (ZVEI).
7. The trade names EPCOS, EPCOS-Jones, Baoke, CeraDiode, CSSP, MLSC, PhaseCap,
PhaseMod, SIFI, SIKOREL, SilverCap, SIMID, SIOV, SIP5D, SIP5K, UltraCap, WindCap are
trademarks registered or pending in Europe and in other countries. Further information will be
found on the Internet at www.epcos.com/trademarks.
10
01/06


Similar Part No. - B84112B0000A060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112B0000A060 EPCOS-B84112B0000A060 Datasheet
174Kb / 10P
   EMC filters
B84112B0000A060 EPCOS-B84112B0000A060 Datasheet
134Kb / 11P
   EMC Filters
More results

Similar Description - B84112B0000A060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112G0000B030 EPCOS-B84112G0000B030 Datasheet
217Kb / 13P
   2−line filters SIFI−G for enhanced insertion loss
B84111F0000B030 EPCOS-B84111F0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−F for normal insertion loss
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84113H0000B030 EPCOS-B84113H0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−H for very high insertion loss
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
   SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84114D EPCOS-B84114D Datasheet
148Kb / 10P
   SIFI-D for high insertion loss
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
   SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84102C EPCOS-B84102C Datasheet
105Kb / 6P
   2-line filters for general-purpose applications Rated current 0.5 to 4 A
logo
Bourns Electronic Solut...
EMI220T-RC BOURNS-EMI220T-RC Datasheet
120Kb / 1P
   EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com