Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

517D227M160FR6AE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 517D227M160FR6AE3
Description  Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

517D227M160FR6AE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  517D227M160FR6AE3 Datasheet HTML 1Page - Vishay Siliconix 517D227M160FR6AE3 Datasheet HTML 2Page - Vishay Siliconix 517D227M160FR6AE3 Datasheet HTML 3Page - Vishay Siliconix 517D227M160FR6AE3 Datasheet HTML 4Page - Vishay Siliconix 517D227M160FR6AE3 Datasheet HTML 5Page - Vishay Siliconix 517D227M160FR6AE3 Datasheet HTML 6Page - Vishay Siliconix 517D227M160FR6AE3 Datasheet HTML 7Page - Vishay Siliconix 517D227M160FR6AE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42053
342
Revision: 07-Nov-06
517D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, General Purpose Miniature, Radial Lead
DK
0.492 x 0.984 [12.5 x 25.0]
0.197 [5.0]
0.024 [0.60]
5.27
EK
0.630 x 0.984 [16.0 x 25.0]
0.295 [7.5]
0.031 [0.80]
7.72
EN
0.630 x 1.24 [16.0 x 31.5]
0.295 [7.5]
0.031 [0.80]
9.90
ER
0.630 x 1.40 [16.0 x 35.5]
0.295 [7.5]
0.031 [0.80]
11.10
FR
0.709 x 1.40 [18.0 x 35.5]
0.295 [7.5]
0.031 [0.80]
13.04
FV
0.709 x 1.575 [18.0 x 40.0]
0.295 [7.5]
0.031 [0.80]
15.74
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL CASE SIZE
D X L
LEAD SPACING
S
NOMINAL LEAD DIAMETER
D
TYPICAL WEIGHT
(GRAMS)
ELECTROLYTIC CAPACITOR WITH CUT OR FORMED LEADS in inches [millimeters]
0.033 ± 0.006
[0.85 ± 0.15]
0.039 ± 0.008
[1.0 ± 0.2]
D
X
0.197 ± 0.20
[5.0 ± 0.5]
Ø d**
D
0.197 ± 0.20
[5.0 ± 0.5]
Ø d**
0.177
[4.5]
0.177
[4.5]
F*
F*
(4, 5, 6.3, 8)
(10, 12.5, 16, 18)
Code S
0.177
[4.5]
Code C
Ø d*
D
F
*
S
± 0.20
[0.5]
F*
Code F
0.177
[4.5]
0.197 ± 0.20
[5.0 ± 0.5]
Ø d**
D
X
Code S
Code S
Code S
DIMENSIONS in inches [millimeters]
FORMING
METHOD
FORMED LEAD
CODE
DIMENSIONS
D
L.S.
P
e***
X (Max.)
Formed and Cut
F
0.197 [5.0]
0.197 [5.0]
0.079 [2.0]
-
0.059 [1.5]
0.248 [6.3]
0.197 [5.0]
0.098 [2.5]
-
0.098 [2.5]
0.315 [8.0]
0.197 [5.0]
0.138 [3.5]
-
0.098 [2.5]
Cut
C
0.394 [10.0]
0.197 [5.0]
--
-
0.492 [12.5]
0.197 [5.0]
--
-
0.630 [16.0]
0.295 [7.5]
--
-
0.709 [18.0]
0.295 [7.5]
--
-
Snap-in
S
0.197 [5.0]
0.197 [5.0]
0.079 [2.0]
0.043 [1.1]
0.059 [1.5]
0.248 [6.3]
0.197 [5.0]
0.098 [2.5]
0.043 [1.1]
0.059 [1.5]
0.315 [8.0]
0.197 [5.0]
0.138 [3.5]
0.051 [1.3]
0.059 [1.5]
0.394 [10.0]
0.197 [5.0]
-
0.051 [1.3]
-
0.492 [12.5]
0.197 [5.0]
-
0.051 [1.3]
-
0.630 [16.0]
0.295 [7.5]
-
0.051 [1.3]
-
0.709 [18.0]
0.295 [7.5]
-
0.051 [1.3]
-
Note: The cut or formed code is to be added to the end of type number in 15th position (with position 14 coded “6”).
* Formed lead. ** Lead thickness Ø d depends on capacitor specification. *** Lead protrusion at bottom of tape.
TAPED CAPACITORS FOR AUTOMATIC INSERTION SYSTEMS in inches [millimeters]
PACKAGING
LEAD CODE
SPECIFICATION
LEAD SPACE
CAPACITOR SIZES AVAILABLE
LEAD STYLE
+-
LEADER
Ammo Pack
P
Formed Lead**
-
0.197 [5.0]
0.197 x 0.433 [5.0 x 11.0] - 0.492 x 0.787
[4.0 x 7.0 - 12.5 x 20.0]
Note: The ammo pack code is to be added to the end of type number in the 15th position (with position 14 coded as “8” as appropriate.)
** Except 0.394 [10.0 mm] and 0.492 [12.5 mm] diameter have straight unformed leads.


Similar Part No. - 517D227M160FR6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D227M160FR6AE3 VISHAY-517D227M160FR6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 517D227M160FR6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com