Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKKD201 Datasheet(PDF) 1 Page - Semikron International

Part # SKKD201
Description  Rectifier Diode Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKKD201 Datasheet(HTML) 1 Page - Semikron International

  SKKD201 Datasheet HTML 1Page - Semikron International SKKD201 Datasheet HTML 2Page - Semikron International SKKD201 Datasheet HTML 3Page - Semikron International SKKD201 Datasheet HTML 4Page - Semikron International SKKD201 Datasheet HTML 5Page - Semikron International SKKD201 Datasheet HTML 6Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMIPACK® 3
Rectifier Diode Modules
SKKD 201
SKKE 201
SKKD 260
SKKE 260
SKMD 260
1)
SKKD
SKKE
SKMD
Features
• Heat transfer through aluminium
nitride ceramic isolated metal
baseplate
• Precious metal pressure
contacts
• SKKD half bridge connection
SKMD center-tap connection
common cathode
• UL recognized, file no. E 63 532
Typical Applications
• Non-controllable rectifiers for
AC/AC converters
• Line rectifiers for transistorized
AC motor controllers
• Field supply for DC motors
• SKKE: Free-wheeling diodes
VRSM VRRM
IFRMS (maximum values for continuous operation)
315 A
410 A
315 A
410 A
IFAV (sin. 180; Tcase = 85
°C)
V
V
200 A
260 A
200 A
260 A
900
800 SKKD 201/08 SKKD 260/08
SKKE 201/08
1300 1200 SKKD 201/12 SKKD 260/12
SKKE 201/12 SKKE 260/12
1500 1400 SKKD 201/14 SKKD 260/14
SKKE 201/14 SKKE 260/14
1700 1600 SKKD 201/16 SKKD 260/16
SKKE 201/16 SKKE 260/16
2100 2000 SKKD 201/20 SKKD 260/20
SKKE 201/20 SKKE 260/20
2300 2200 SKKD 201/22 SKKD 260/22
SKKE 201/22 SKKE 260/22
Symbol Conditions
SKKD 201
SKKD 260
Units
SKKE 201
SKKE 260
IFAV
sin. 180; Tcase = 85
°C
200
260
A
ID
1)
B2/B6
Tamb = 35
°C;
P 3/180 F
250/295
280/320
A
P 16/200 F
385/515
490/655
A
IFSM
Tvj = 25
°C; 10 ms
6 000
11 000
A
Tvj = 130
°C; 10 ms
5 000
10 000
A
i
2tTvj = 25 °C; 8,3 ... 10 ms
180 000
605 000
A
2s
Tvj = 130
°C; 8,3 ... 10 ms
125 000
500 000
A
2s
IRD
Tvj max.; VRD = VRRM
915
mA
VF
Tvj = 25
°C (IF = . . .); max.
1,35 (600 A) 1,25 (750 A)
V
V(TO)
Tvj = 130
°C0,80
0,90
V
rT
Tvj = 130
°C
0,8
0,37
m
Rthjc
per diode/per module
2)
0,19/0,10
0,14/0,07
°C/W
Rthch
0,06/0,03
0,04/0,02
°C/W
Tvj
– 40 ... +130
°C
Tstg
– 40 ... +130
°C
Visol
a. c. 50 Hz; r.m.s.; 1 s/1 min
3600/3000
V~
M1
to heatsink
SI units
5
± 15 % 3)
Nm
US units
44
± 15 % 3)
lb.in.
M2
to terminals
SI units
9
± 15 % 4)
Nm
US units
80
± 15 % 4)
lb.in.
a5 . 9,81
m/s
2
w
approx.
800
940
g
Case
→ page B 1 – 74 SKKD 201
A 16
SKKE 201
A 17
→ page B 1 – 80 SKKD 260
A 27
SKKE 260
A 28
SKMD 260
A 58
1) SKMD 260 available on request
2) SKKD types only
3) See the assembly instructions
4) The screws must e lubricated
 by SEMIKRON
0898
B 1 – 21


Similar Part No. - SKKD201

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKD205F SEMIKRON-SKKD205F Datasheet
294Kb / 2P
   Fast Diode Modules
SKKD205F SEMIKRON-SKKD205F Datasheet
681Kb / 3P
   Fast Diode Modules
SKKD205F06 SEMIKRON-SKKD205F06 Datasheet
294Kb / 2P
   Fast Diode Modules
SKKD205F06 SEMIKRON-SKKD205F06 Datasheet
681Kb / 3P
   Fast Diode Modules
SKKD205F SEMIKRON-SKKD205F_09 Datasheet
681Kb / 3P
   Fast Diode Modules
More results

Similar Description - SKKD201

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKE1200 SEMIKRON-SKKE1200_07 Datasheet
135Kb / 2P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_05 Datasheet
591Kb / 4P
   Rectifier Diode Modules
SKKE600 SEMIKRON-SKKE600 Datasheet
545Kb / 3P
   Rectifier Diode Modules
SKKE380 SEMIKRON-SKKE380 Datasheet
417Kb / 3P
   Rectifier Diode Modules
SKKD81H4 SEMIKRON-SKKD81H4 Datasheet
784Kb / 4P
   Rectifier Diode Modules
SKKD212 SEMIKRON-SKKD212 Datasheet
1Mb / 4P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_09 Datasheet
559Kb / 4P
   Rectifier Diode Modules
logo
Inchange Semiconductor ...
IRKD56-14 ISC-IRKD56-14 Datasheet
362Kb / 3P
   Diode Rectifier Modules
DD260N16K ISC-DD260N16K Datasheet
246Kb / 2P
   Diode Rectifier Modules
SKKD46-16 ISC-SKKD46-16 Datasheet
274Kb / 3P
   Rectifier Diode Modules
2023-9-15
SKKD380-22H4 ISC-SKKD380-22H4 Datasheet
308Kb / 2P
   Rectifier Diode Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com