Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

517D225M200AA6AE3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 517D225M200AA6AE3
Description  Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

517D225M200AA6AE3 Datasheet(HTML) 6 Page - Vishay Siliconix

  517D225M200AA6AE3 Datasheet HTML 1Page - Vishay Siliconix 517D225M200AA6AE3 Datasheet HTML 2Page - Vishay Siliconix 517D225M200AA6AE3 Datasheet HTML 3Page - Vishay Siliconix 517D225M200AA6AE3 Datasheet HTML 4Page - Vishay Siliconix 517D225M200AA6AE3 Datasheet HTML 5Page - Vishay Siliconix 517D225M200AA6AE3 Datasheet HTML 6Page - Vishay Siliconix 517D225M200AA6AE3 Datasheet HTML 7Page - Vishay Siliconix 517D225M200AA6AE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42053
346
Revision: 07-Nov-06
517D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, General Purpose Miniature, Radial Lead
50 WVDC at + 105 °C, SURGE = 63 V
0.47
517D474M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
7.0
0.10
1.0
517D105M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
12.0
0.10
2.2
517D225M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
18.0
0.10
3.3
517D335M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
25.0
0.10
4.7
517D475M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
30.0
0.10
10.0
517D106M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
50.0
0.10
22.0
517D226M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
75.0
0.10
33.0
517D336M050M6AE3
0.248 x 0.433 [6.3 x 11.0]
105.0
0.10
47.0
517D476M050AA6AE3
0.248 x 0.433 [6.3 x 11.0]
125.0
0.10
100.0
517D107M050BB6AE3
0.315 x 0.453 [8.0 x 11.5]
210.0
0.10
220.0
517D227M050CD6AE3
0.394 x 0.630 [10.0 x 16.0]
400.0
0.10
330.0
517D337M050CG6AE3
0.394 x 0.787 [10.0 x 20.0]
535.0
0.10
470.0
517D477M050DG6AE3
0.492 x 0.787 [12.5 x 20.0]
730.0
0.10
1000.0
517D108M050EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1110.0
0.10
2200.0
517D228M050FR6AE3
0.709 x 1.398 [18.0 x 35.5]
1530.0
0.10
63 WVDC at + 105 °C, SURGE = 79 V
4.7
517D475M063JA6AE3
0.197 x 0.433 [5.0 x 11.0]
34.0
0.09
10.0
517D106M063JA6AE3
0.197 x 0.433 [5.0 x 11.0]
55.0
0.09
22.0
517D226M063AA6AE3
0.248 x 0.433 [6.3 x 11.0]
90.0
0.09
33.0
517D336M063AA6AE3
0.248 x 0.433 [6.3 x 11.0]
110.0
0.09
47.0
517D476M063BB6AE3
0.315 x 0.453 [8.0 x 11.5]
155.0
0.09
100.0
517D107M063CC6AE3
0.394 x .0492 [10.0 x 12.5]
260.0
0.09
220.0
517D227M063CG6AE3
0.394 x 0.787 [10.0 x 20.0]
465.0
0.09
330.0
517D337M063DG6AE3
0.492 x 0.787 [12.5 x 20.0]
650.0
0.09
4700.0
517D477M063DK6AE3
0.492 x 0.984 [12.5 x 25.0]
800.0
0.09
1000.0
517D108M063EN6AE3
0.630 x 1.240 [16.0 x 31.5]
1200.0
0.09
2200.0
517D228M063FV6AE3
0.709 x 1.575 [18.0 x 40.0]
1840.0
0.09
100 WVDC at + 105 °C, SURGE = 125 V
0.47
517D474M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
10.0
0.08
1.0
517D105M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
15.0
0.08
2.2
517D225M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
22.0
0.08
3.3
517D335M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
29.0
0.08
4.7
517D475M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
37.0
0.08
10.0
517D106M100AA6AE3
0.248 x 0.433 [6.3 x 11.0]
65.0
0.08
22.0
517D226M100BB6AE3
0.315 x 0.453 [8.0 x 11.5]
115.0
0.08
33.0
517D336M100CC6AE3
0.394 x 0.492 [10.0 x 12.5]
160.0
0.08
47.0
517D476M100CD6AE3
0.394 x 0.630 [10.0 x 16.0]
220.0
0.08
100.0
517D107M100DG6AE3
0.492 x 0.787 [12.5 x 20.0]
385.0
0.08
220.0
517D227M100EK6AE3
0.630 x 0.984 [16.0 x 25.0]
590.0
0.08
330.0
517D337M100EK6AE3
0.630 x 0.984 [16.0 x 25.0]
720.0
0.08
470.0
517D477M100EN6AE3
0.630 x 1.240 [16.0 x 31.5]
875.0
0.08
1000.0
517D108M100FV6AE3
0.709 x 1.575 [18.0 x 40.0]
1320.0
0.08
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
Max. RIPPLE
at + 105 °C
120 Hz (mA)
Max. DF
at + 20 °C
120 Hz


Similar Part No. - 517D225M200AA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D225M200AA6AE3 VISHAY-517D225M200AA6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 517D225M200AA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com