Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFV40241H1SR Datasheet(PDF) 5 Page - Hongfa Technology

Part # HFV40241H1SR
Description  AUTOMOTIVE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV40241H1SR Datasheet(HTML) 5 Page - Hongfa Technology

  HFV40241H1SR Datasheet HTML 1Page - Hongfa Technology HFV40241H1SR Datasheet HTML 2Page - Hongfa Technology HFV40241H1SR Datasheet HTML 3Page - Hongfa Technology HFV40241H1SR Datasheet HTML 4Page - Hongfa Technology HFV40241H1SR Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
60 R`ak [`Yjl lYc]k \mkl hjgl][l]\ n]jkagf Yk ]pYehd]3
70 R`] eYpaeme YddgoYZd] [gad l]eh]jYlmj] ak 6:: 3
Fgj l`] [gad l]eh]jYlmj] jak] o`a[` ak e]Ykmj]\
Zq j]kaklYf[] ak Yn]jY_] nYdm]1 o] j][gee]f\
l`] [gad l]eh]jYlmj] k`gmd\ Z] Z]dgo 695 mf\]j
l`] \a^^]j]fl Yhhda[Ylagf YeZa]fl1 \a^^]j]fl [gad
ngdlY_] Yf\ \a^^]j]fl dgY\ ]l[3
80 I^ l`] Y[lmYd gh]jYlaf_ [gad ngdlY_] ak gml g^ l`]
kh][a^a]\ jYf_]1 hd]Yk] [gflY[l Hgf_^Y ^gj ^mjl`]j
\]lYadk3
60 R`ak [`Yjl lYc]k LM [gflY[l Yk ]pYehd]3
70 R`] dgY\ Yf\ ]d][lja[Yd ]f\mjYf[] l]klk Yj] eY\]
Y[[gj\af_ lg wCMLRACR DARAx hYjYe]l]jkv lYZd]3
I^ Y[lmYd dgY\ ngdlY_]1 [mjj]fl1 gj gh]jYl] ^j]im]f[q
ak \a^^]j]fl ^jge wCMLRACR DARAx lYZd]1 hd]Yk]
YjjYf_] [gjj]khgf\af_ l]klk ^gj [gf^ajeYlagf3
73 JgY\ daeal [mjn] /Yl 78 0
Qoal[`af_ [mjj]fl /A0
Dak[dYae]j
R`ak \YlYk`]]l ak ^gj l`] [mklge]jkv j]^]j]f[]3 Add l`] kh][a^a[Ylagfk Yj] kmZb][l lg [`Yf_] oal`gml fgla[]3
U] [gmd\ fgl ]nYdmYl] Ydd l`] h]j^gjeYf[] Yf\ Ydd l`] hYjYe]l]jk ^gj ]n]jq hgkkaZd] Yhhda[Ylagf3 R`mk l`] mk]j k`gmd\ Z] af Y ja_`l hgkalagf lg [`ggk]
l`] kmalYZd] hjg\m[l ^gj l`]aj gof Yhhda[Ylagf3 I^ l`]j] ak Yfq im]jq1 hd]Yk] [gflY[l Hgf_^Y ^gj l`] l][`fa[Yd k]jna[]3 Hgo]n]j1 al ak l`] mk]jvk j]khgfkaZadalq
lg \]l]jeaf] o`a[` hjg\m[l k`gmd\ Z] mk]\ gfdq3
s VaYe]f Hgf_^Y Ed][ljgY[gmkla[ Cg31 Jl\3 Add ja_`lk g^ Hgf_^Y Yj] j]k]jn]\3
N]j[]flY_] g^ fgeafYd [gad ngdlY_]
63 Cgad gh]jYlaf_ ngdlY_] jYf_]
=5
<5
;5
:5
95
85
75
65
53:
7
8
9
:
<
65
75
85
695
685
675
665
655
>5
=5
<5
;5
:5
95
85
>5
>:
65: 665 66:
675 67: 685 68: 695
6:5
655
69:
5A
75A
<A
6:A
85A
95A
;;
05/</0>2<6=>60 0?<@2=
A_QfM7 CgflY[l
A_La536: CgflY[l


Similar Part No. - HFV40241H1SR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
HFV4 HONGFA-HFV4 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
HFV4-SH HONGFA-HFV4-SH Datasheet
71Kb / 4P
   AUTOMOTIVE RELAY
HFV4/006-1H1SGD1 HONGFA-HFV4/006-1H1SGD1 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
HFV4/006-1H1SGD2 HONGFA-HFV4/006-1H1SGD2 Datasheet
97Kb / 6P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV40241H1SR

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com