Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

517D106M200CD6AE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 517D106M200CD6AE3
Description  Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

517D106M200CD6AE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  517D106M200CD6AE3 Datasheet HTML 1Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 2Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 3Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 4Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 5Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 6Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 7Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 42053
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 07-Nov-06
343
517D
Aluminum Capacitors
+ 105 °C, General Purpose Miniature, Radial Lead
Vishay Sprague
TAPING SPECIFICATIONS in inches [millimeters]
DIMENSIONS in inches [millimeters]
ITEM
CASE SIZE
(Diameter x Length)
FORMED LEAD TYPE
STRAIGHT LEAD TYPE
0.197 x 0.433
[5.0 x 11.0]
0.248 x 0.433
[6.3 x 11.0]
0.315 x 0.452
[8.0 x 11.5]
0.394 [10.0]
(Dia.)
0.492 [12.5]
(Dia.)
Ø d - Lead-wire Diameter
0.020 [0.5]
0.020 [0.5]
0.024 [0.6]
0.024 [0.6]
0.024 [0.6]
P - Pitch of Component
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.591 [15.0]
P0 - Feed Hole Pitch
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.591 [15.0]
F - Lead-to-lead Distance
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
K - Clinch Height
0.098 [2.5]
0.098 [2.5]
0.157 [4.0]
H - Height of Component from Tape Center
0.728 [18.5]
0.728 [18.5]
0.787 [20.0]
0.728 [18.5]
0.630 [16.0]
H0 - Lead-wire Clinch Height
0.630 [16.0]
0.630 [16.0]
0.630 [16.0]
W - Tape Width
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
W0 - Hold Down Tape Width
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
0.512 [13.0]
D0 - Feed Hole Diameter
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
t - Total Tape Thickness
0.028 [0.7]
0.028 [0.7]
0.028 [0.7]
0.028 [0.7]
0.028 [0.7]
P
0
H
F
P
K
H
0
0
WW
D0
t
Ø d
Formed Lead Type


Similar Part No. - 517D106M200CD6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D106M200CD6AE3 VISHAY-517D106M200CD6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 517D106M200CD6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com