Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE22BH2B22R Datasheet(PDF) 1 Page - Hongfa Technology

Part # JE22BH2B22R
Description  HIGH POWER LATCHING RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE22BH2B22R Datasheet(HTML) 1 Page - Hongfa Technology

  JE22BH2B22R Datasheet HTML 1Page - Hongfa Technology JE22BH2B22R Datasheet HTML 2Page - Hongfa Technology JE22BH2B22R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4IETURIS
q@?E24E 2CC2?86>6?E
r:6=64EC:4
DEC6?8E9
+9@4<
C6D:DE2?46
+:?8=6 q@:=m eag/nr@F3=6 q@:=m gak/
q@:= A@H6C
;PTIS. d^ ,96 52E2 D9@H? 23@G6 2C6 :?:E:2= G2=F6Da
e^ sBF:G2=6?E E@ E96 >2Ia :?:E:2= 4@?E24E C6D:DE2?46 :D hc> ]2E do
eg.rq^_ 2?5 >62DFC65 H96? 4@:= :D 6?6C8:K65 H:E9 dcc[
?@>:?2= G@=E286 2E eh a
f^ /96? C6BF:C:?8 @E96C ?@>:?2= G@=E286_ DA64:2= @C56C 2==@H65a
;PTLGI
da *6=2J :D @? E96 PD6EQDE2EFD H96? 36:?8 C6=62D65 7C@> DE@4<_ H:E9
E96 4@?D:56C2E:@? @7 D9@4< C:D6? 7C@> EC2?D:E 2?5 C6=2J >@F?E:?8_
C6=2J H@F=5 36 492?865 E@ PC6D6EQDE2EFD_ E96C67@C6_ H96? 2AA=:42E:@?
] 4@??64E:?8 E96 A@H6C DFAA=J^_ A=62D6 C6D6E E96 C6=2J E@ PD6EQ@C
PC6D6EQDE2EFD @? C6BF6DEa
ea w? @C56C E@ >2:?E2:? PD6EQ@C PC6D6EQDE2EFD_ 6?6C8:K65 G@=E286 E@
4@:= D9@F=5 C6249 E96 C2E65 G@=E286_ :>AF=D6 H:5E9 D9@F=5 36 h
E:>6D >@C6 E92? PD6EQ@C PC6D6EQE:>6ar@ ?@E 6?6C8:K6 G@=E286 E@
PD6EQ4@:= 2?5 PC6D6EQ4@:= D:>F=E2?6@FD=Jao?5 2=D@ =@?8 6?6C8:K65
E:>6 ]>@C6 E92? d >:?^ D9@F=5 36 2G@:565a
fa ,96 E6C>:?2=D @7 C6=2J H:E9@FE EH:DE65 4@AA6C H:C6 42? ?@E 36 E:?`
D@=56C65_ 42? ?@E 36 >@G65 H:==7F==J_ >@C6 @G6C EH@ E6C>:?2=D 42?
?@E 36 7:I65 2E E96 D2>6 E:>6a
eih
83--
6756 =<C3> 9/@167;5 >39/D
do
,JAam hc>. ]2E dco^
z2Iam ehc>. ]2E dco^
o8+?|e_o8q5|
dcco ejj.oqbek.rq
ggc.oq
dcco
ejjcc.o b ekcc/
d I dch |}+
e I dcg |}+
1<;@/1@ 2/@/
16/>/1@3>7?@71?
dcccz ]2E hcc.rq^
gccc.oq d >:?
eccc.oq d >:?
k>>
ec>D >2Ia
ec>D >2Ia
dcc>bDe ]dc8^
dccc>bDe ]dcc8^
dcvKE@ hhvK dac>> ro
lk[ *v_ gc@q
`gc@q E@ jc@q
}qp\~q
oAAC@Ia dcc8
rFDE AC@E64E65
1<79
i
de
eg
gk
i
de
eg
gk
gak
lai
dlae
fkag
gak
lai
dlae
fkag
ecc
ecc
ecc
ecc
ecc
ecc
ecc
ecc
di
ic
ehc
dccc
e I k
e I fc
e I deh
e I hcc
W dcco DH:E49:?8 42A23:=:EJ
W +EC@?8 C6D:DE2?46 23:=:EJ E@ D9@4< \ G:3C2E:@?
W v62GJ =@25 FA E@ ejaj<.o
W g<. 5:6=64EC:4 DEC6?8E9
]36EH66? 4@:= 2?5 4@?E24ED^
W z:4C@ DH:E49 @? >@F?E:?8 3@2C5 2G2:=23=6
W s?G:C@?>6?E2= 7C:6?5=J AC@5F4E ]*@v+ 4@>A=:2?E^
W |FE=:?6 r:>6?D:@?Dm ]icac I gcac I edac^ >>
v|{uto *syo1
w+|lccdUw+|b,+dilgl Uw+|dgccd U|v+o+dkccd qs*,wtwsr
eccj *6Ga eacc
1<79 2/@/ f^
q@?E24E >2E6C:2=
q@?E24E C2E:?8 ]*6Da =@25^
z2Ia DH:E49:?8 G@=E286
z2Ia DH:E49:?8 4FCC6?E
z2Ia DH:E49:?8 A@H6C
z6492?:42= 6?5FC2?46
s=64EC:42= 6?5FC2?46
w?DF=2E:@? C6D:DE2?46
p6EH66? 4@:= \ 4@?E24ED
p6EH66? @A6? 4@?E24ED
qC66A286 5:DE2?46
|A6C2E6 E:>6 ]2E ?@>:a G@=Ea^
*6=62D6 E:>6 ]2E ?@>:a G@=Ea^
tF?4E:@?2=
r6DECF4E:G6
.:3C2E:@? C6D:DE2?46
vF>:5:EJ
o>3:6?E E6>A6C2EFC6
,6C>:?2E:@?
-?:E H6:89E
q@?DECF4E:@?
}:4<`FA
.@=E286
.rq
}F=D6
rFC2E:@?
>D
q@:= *6D:DE2?46
I ]d dc[^
{@>:?2=
.@=E286
.rq
+:?8=6
q@:=
r@F3=6
q@:=D
2E ef
.@=E286 5C@A e^


Similar Part No. - JE22BH2B22R

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
   J Series® JE2835 Color LEDs
REV 0
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
   Cree J Series 2835 LEDs
JE2835AAM-N-0001A0000 CREE-JE2835AAM-N-0001A0000 Datasheet
4Mb / 86P
   J Series® JE2835 Color LEDs
REV 0
JE2835ABL-N-0005A0000 CREE-JE2835ABL-N-0005A0000 Datasheet
4Mb / 86P
   J Series® JE2835 Color LEDs
REV 0
JE2835ACY-N-0003A0000 CREE-JE2835ACY-N-0003A0000 Datasheet
4Mb / 86P
   J Series® JE2835 Color LEDs
REV 0
More results

Similar Description - JE22BH2B22R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE9 HONGFA-JE9 Datasheet
132Kb / 5P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com