Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH8V725BAZTJ-5 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MH8V725BAZTJ-5
Description  HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8V725BAZTJ-5 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH8V725BAZTJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8V725BAZTJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8V725BAZTJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8V725BAZTJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8V725BAZTJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8V725BAZTJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8V725BAZTJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8V725BAZTJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8V725BAZTJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MITSUBISHI LSIs
MH8V725BAZTJ -5, -6
Preliminary Spec.
MITSUBISHI
ELECTRIC
9/Nov. /1998
HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MIT-DS-0285-0.0
(
/ 23 )
Specifications subject to
change without notice.
(Ta = 0~70°C, Vcc = 3.3V±0.3V, Vss = 0V, unless otherwise noted)
(Ta=0~70°C, Vcc=3.3V±0.3V, Vss=0V, unless otherwise noted) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Symbol
Vcc
IO
Pd
Topr
Tstg
Parameter
Conditions
Ratings
-0.5~ 4.6
50
10.7
0~70
-40~100
With respect to Vss
Ta=25°C
Supply voltage
Output current
Power dissipation
Operating temperature
Storage temperature
RECOMMENDED OPERATING CONDITIONS
Unit
Limits
Min
Nom
Max
V
V
V
V
3.6
0
Vcc+0.3
0.8
3.3
0
3.0
0
2.0
-0.3
Parameter
Supply voltage
Supply voltage
High-level input voltage, all inputs
Low-level input voltage
Vcc
Symbol
Vss
VIH
VIL
(Ta=0~70°C, unless otherwise noted) (Note 1)
ELECTRICAL CHARACTERISTICS
CAPACITANCE
Symbol
VOH
VOL
IOZ
I I
ICC1 (AV)
ICC2
ICC4(AV)
ICC6(AV)
High-level output voltage
Parameter
Limits
Min
Max
Unit
Typ
Test conditions
Low-level output voltage
Off-state output current
Input current (except /RAS)
Average supply
current
from Vcc operating
(Note 3,4,5)
(Note 3,4,5)
(Note 3,5)
Supply current from Vcc , stand-by
Average supply current
from Vcc
Hyper-Page-Mode
Average supply current from
Vcc
/CAS before /RAS refresh
mode
IOH=-2.0mA
IOL=2.0mA
Q floating 0V
≤VOUT≤ Vcc
0V
≤VIN≤Vcc+0.3, Other input pins=0V
/RAS, /CAS cycling
tRC=tWC=min.
output open
/RAS=/CAS =VIH, output open
/RAS=/CAS=WE
≥Vcc -0.2, output open
/RAS=VIL,/CAS cycling
tPC=min.
output open
/CAS before /RAS refresh cycling
tRC=min.
output open
Note 2: Current flowing into an IC is positive, out is negative.
3: Icc1 (AV), Icc4 (AV) and Icc6 (AV) are dependent on cycle rate. Maximum current is measured at the fastest cycle rate.
4: Icc1 (AV) and Icc4 (AV) are dependent on output loading. Specified values are obtained with the output open.
5: Column address can be changed once or less while /RAS=VIL and /CAS=VIH
I I (RAS)
Input current (/RAS)
0V
≤VIN≤Vcc+0.3, Other input pins=0V
2.4
0
-10
-10
-90
Vcc
0.4
10
10
90
V
V
uA
mA
mA
mA
mA
Limits
Min
Max
Unit
Typ
pF
pF
pF
CI
CI (/RAS)
C(DQ)
Symbol
Parameter
Test conditions
Input capacitance, /RAS input
Input/Output capacitance,DATA
VI=Vss
f=1MHZ
Vi=25mVrms
Input capacitance, except /RAS input
20
45
22
Unit
V
mA
W
°C
°C
- 5
- 6
- 6
920
830
830
1100
29
24.5
Note 1 : All voltage values are with respect to Vss
uA
uA
5
- 6
- 5
920
- 5
1190


Similar Part No. - MH8V725BAZTJ-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8V7245BAZTJ-5 MITSUBISHI-MH8V7245BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BAZTJ-6 MITSUBISHI-MH8V7245BAZTJ-6 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-5 MITSUBISHI-MH8V7245BWZTJ-5 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-6 MITSUBISHI-MH8V7245BWZTJ-6 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V724AWZJ-5 MITSUBISHI-MH8V724AWZJ-5 Datasheet
175Kb / 20P
   FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
More results

Similar Description - MH8V725BAZTJ-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8V7245BAZTJ-5 MITSUBISHI-MH8V7245BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-5 MITSUBISHI-MH8V7245BWZTJ-5 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V72AWZJ-5 MITSUBISHI-MH8V72AWZJ-5 Datasheet
175Kb / 20P
   FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V724AWZJ-5 MITSUBISHI-MH8V724AWZJ-5 Datasheet
175Kb / 20P
   FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V6445BWZJ-5 MITSUBISHI-MH8V6445BWZJ-5 Datasheet
121Kb / 22P
   HYPER PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM
MH8S72BALD-7 MITSUBISHI-MH8S72BALD-7 Datasheet
588Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
MH8S72PHC-7 MITSUBISHI-MH8S72PHC-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
MH32V725BST-5 MITSUBISHI-MH32V725BST-5 Datasheet
135Kb / 22P
   HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM
MH32V7245BST-5 MITSUBISHI-MH32V7245BST-5 Datasheet
138Kb / 22P
   HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8S72BMG-7 MITSUBISHI-MH8S72BMG-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com