Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3877 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB3877
Description  DC/DC Converter IC for Charging
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3877 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB3877 Datasheet HTML 5Page - Fujitsu Component Limited. MB3877 Datasheet HTML 6Page - Fujitsu Component Limited. MB3877 Datasheet HTML 7Page - Fujitsu Component Limited. MB3877 Datasheet HTML 8Page - Fujitsu Component Limited. MB3877 Datasheet HTML 9Page - Fujitsu Component Limited. MB3877 Datasheet HTML 10Page - Fujitsu Component Limited. MB3877 Datasheet HTML 11Page - Fujitsu Component Limited. MB3877 Datasheet HTML 12Page - Fujitsu Component Limited. MB3877 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
MB3875/3877
9
(Continued)
(MB3875 : Ta = +25
°C, VCC = 16 V, VCC (O) = 16 V, VREF = 0mA)
(MB3877 : Ta = +25
°C, VCC = 19 V, VCC (O) = 19 V, VREF = 0mA)
*: Standard design value.
Parameter
Symbol
Pin No.
Conditions
Value
Unit Remarks
Min
Typ
Max
Threshold voltage
VTL
3,9,15 Duty cycle = 0 %
1.4
1.5
V
VTH
3,9,15 Duty cycle = 100 %
2.5
2.6
V
Output source
current
ISOURCE
20
OUT = 11 V
Duty
≤ 5 %
(t = 1/fosc
× Duty )
–200*
mA MB3875
OUT = 14 V
Duty
≤ 5 %
(t = 1/fosc
× Duty )
–200*
mA MB3877
Output sink current
ISINK
20
OUT = 16 V
Duty
≤ 5 %
(t = 1/fosc
× Duty )
—200*
mA MB3875
OUT = 19 V
Duty
≤ 5 %
(t = 1/fosc
× Duty )
—200*
mA MB3877
Output ON resistor
ROH
20
OUT =
−45 mA
8.0
16
ROL
20
OUT = 45 mA
6.5
13
Rise time
tr1
20
OUT = 3300 pF
(Equivalent to Si4435DY)
70*
ns
Fall time
tf2
20
OUT = 3300 pF
(Equivalent to Si4435DY)
60*
ns
CTL input voltage
VON
14
Active mode
2—
25
V
VOFF
14
Standby mode
0—
0.8
V
Input current
ICTLH
14
CTL = 5 V
100
200
µA
ICTLL
14
CTL = 0 V
—0
1
µA
Output voltage
VH
19
VCC = VCC(O)
= 7 V to 25 V,
VH = 0 to 30 mA
VCC–5.5 VCC–5.0 VCC–4.5
V
Standby current
ICCS
18
VCC = VCC(O),
CTL = 0 V
—0
10
µA
Power supply current
ICC
18
VCC = VCC(O),
CTL = 5 V
—6.0
9.0
mA MB3875
—6.5
9.5
mA MB3877


Similar Part No. - MB3877

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3877 FUJITSU-MB3877 Datasheet
293Kb / 27P
   DC/DC Converter IC for Charging
More results

Similar Description - MB3877

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3832A FUJITSU-MB3832A Datasheet
219Kb / 23P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875 Datasheet
293Kb / 27P
   DC/DC Converter IC for Charging
MB3878 FUJITSU-MB3878 Datasheet
283Kb / 24P
   DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
MB3874 FUJITSU-MB3874 Datasheet
323Kb / 28P
   DC/DC Converter IC for Parallel Charging
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com