Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3887 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB3887
Description  DC/DC Converter IC for Charging Li-ion battery
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3887 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB3887_06 Datasheet HTML 6Page - Fujitsu Component Limited. MB3887_06 Datasheet HTML 7Page - Fujitsu Component Limited. MB3887_06 Datasheet HTML 8Page - Fujitsu Component Limited. MB3887_06 Datasheet HTML 9Page - Fujitsu Component Limited. MB3887_06 Datasheet HTML 10Page - Fujitsu Component Limited. MB3887_06 Datasheet HTML 11Page - Fujitsu Component Limited. MB3887_06 Datasheet HTML 12Page - Fujitsu Component Limited. MB3887_06 Datasheet HTML 13Page - Fujitsu Component Limited. MB3887_06 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MB3887
10
(Continued)
(Ta
= +25 °C, VCC = 19 V, VCC (O) = 19 V, VREF = 0 mA)
* : Standard design value
Parameter
Sym-
bol
Pin
No.
Conditions
Value
Unit
Min
Typ
Max
8.
Output block
[OUT]
Output source
current
ISOURCE
20
OUT
= 13 V, Duty ≤ 5 %
(t
= 1 / fOSC × Duty)
⎯−400*
mA
Output sink
current
ISINK
20
OUT
= 19 V, Duty ≤ 5 %
(t
= 1 / fOSC × Duty)
400*
mA
Output ON
resistor
ROH
20
OUT
= −45 mA
6.5
9.8
ROL
20
OUT
= 45 mA
5.0
7.5
Rise time
tr1
20
OUT
= 3300 pF
(Si4435
× 1)
50*
ns
Fall time
tf1
20
OUT
= 3300 pF
(Si4435
× 1)
50*
ns
9.
Power supply
control block
[CTL]
CTL input voltage
VON
14
IC Active mode
2
25
V
VOFF
14
IC Standby mode
0
0.8
V
Input current
ICTLH
14
CTL
= 5 V
100
150
µA
ICTLL
14
CTL
= 0 V
01
µA
10.
Bias voltage
block
[VH]
Output voltage
VH
19
VCC
= VCC (O)
= 8 V to 25 V,
VH
= 0 to 30 mA
VCC
− 6.5 VCC − 6.0 VCC − 5.5
V
11.
General
Standby current
ICCS
18
VCC
= VCC (O) ,
CTL
= 0 V
010
µA
Power supply cur-
rent
ICC
18
VCC
= VCC (O) ,
CTL
= 5 V
812
mA


Similar Part No. - MB3887_06

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3887PFV FUJITSU-MB3887PFV Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
More results

Similar Description - MB3887_06

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119 Datasheet
598Kb / 53P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
logo
Cypress Semiconductor
MB39A134 CYPRESS-MB39A134 Datasheet
1Mb / 44P
   DC/DC Converter ICfor Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB39A119 FUJITSU-MB39A119_08 Datasheet
1Mb / 52P
   DC/DC Converter IC of Synchronous Rectification for charging Li-ion battery
MB39A107 FUJITSU-MB39A107 Datasheet
532Kb / 45P
   DC/DC Converter IC for Charging Li-ion Battery with Synchronous Rectifier
MB39A132QN-G-ERE1 FUJITSU-MB39A132QN-G-ERE1 Datasheet
526Kb / 56P
   ASSP For Power Management Applications (Rechargeable Battery) Synchronous Rectification DC/DC Converter IC for Charging Li-ion Battery
MB3879 FUJITSU-MB3879 Datasheet
544Kb / 54P
   DC/DC Converter IC for Parallel Charging of 3/4 cell Li-ion & NiMH Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com