Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-LYCA005V Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-LYCA005V
Description  POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYCA005V Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-LYCA005V Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYCA005V Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYCA005V Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYCA005V Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYCA005V Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYCA005V Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYCA005V Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FTR-LY SERIES
5
Coil Voltage
(example)
Type Name
(example)
0320
1
1
1
Country Name
0.5
0.5
(0.7)
Date Code
(example)
2-R0.3
3
60û
2-R0.7
(0.7)
3.7±0.1
16.38±0.1
(27.8)
(30.6)
5.04±0.1 5.04±0.1
3O1.3±0.1
2O1±0.1
24V DC
F&T LYCA024V
2-R0.8
PCBoardMountingHoleLayout(BOTTOMVIEW)
Schematics(BOTTOMVIEW)
n
DIMENSIONS
Sockettype
Notes:.Socketorderingcode
2.StandardICsocketisnotrecommended.PleaseuseJM-6N
Unit:mm


Similar Part No. - FTR-LYCA005V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYCA005V FUJITSU-FTR-LYCA005V Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LYCA005VSK FUJITSU-FTR-LYCA005VSK Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
More results

Similar Description - FTR-LYCA005V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com