Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ12010BL+ Datasheet(PDF) 8 Page - Arizona Microtek, Inc

Part # AZ12010BL+
Description  Multiply by 16, 32 Phase-Locked Loop Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ12010BL+ Datasheet(HTML) 8 Page - Arizona Microtek, Inc

  AZ12010BL+ Datasheet HTML 1Page - Arizona Microtek, Inc AZ12010BL+ Datasheet HTML 2Page - Arizona Microtek, Inc AZ12010BL+ Datasheet HTML 3Page - Arizona Microtek, Inc AZ12010BL+ Datasheet HTML 4Page - Arizona Microtek, Inc AZ12010BL+ Datasheet HTML 5Page - Arizona Microtek, Inc AZ12010BL+ Datasheet HTML 6Page - Arizona Microtek, Inc AZ12010BL+ Datasheet HTML 7Page - Arizona Microtek, Inc AZ12010BL+ Datasheet HTML 8Page - Arizona Microtek, Inc AZ12010BL+ Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AZ12010
November 2006 * REV - 5
www.azmicrotek.com
8
MILLIMETERS
DIM
MIN
MAX
A
0.80
1.00
A1
0.00
0.05
A3
0.25 REF
b
0.18
0.30
D
3.90
4.10
D2
2.65
2.95
E
3.90
4.10
E2
2.65
2.95
e
0.50 BSC
L
0.35
0.45
aaa
0.25
bbb
0.10
ccc
0.10
NOTES
1.
DIMENSIONING AND TOLERANCING
CONFORM TO ASME T14-1994.
2.
THE TERMINAL #1 AND PAD
NUMBERING CONVENTION SHALL
CONFORM TO JESD 95-1 SPP-012.
3.
DIMENSION b APPLIES TO METALLIZED
PAD AND IS MEASURED BETWEEN 0.25
AND 0.30mm FROM PAD TIP.
4.
COPLANARITY APPLIES TO THE
EXPOSED PAD AS WELL AS THE
TERMINALS.
PACKAGE DIAGRAM
MLP 16
MILLIMETERS
DIM
MIN
MAX
A
0.80
1.10
A1
0.00
0.05
A3
0.25 REF
b
0.225
0.275
D
2.90
3.10
D2
1.65
1.95
E
2.90
3.10
E2
1.65
1.95
e
0.50 BSC
L
0.35
0.45
aaa
0.25
bbb
0.10
ccc
0.10
NOTES
1.
DIMENSIONING AND TOLERANCING
CONFORM TO ASME T14-1994.
2.
THE TERMINAL #1 AND PAD
NUMBERING CONVENTION SHALL
CONFORM TO JESD 95-1 SPP-012.
3.
DIMENSION b APPLIES TO METALLIZED
PAD AND IS MEASURED BETWEEN 0.25
AND 0.30mm FROM PAD TIP.
4.
COPLANARITY APPLIES TO THE
EXPOSED PAD AS WELL AS THE
TERMINALS.


Similar Part No. - AZ12010BL+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AZ12010BL++ MINI-AZ12010BL+ Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
More results

Similar Description - AZ12010BL+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Pericom Semiconductor C...
PI6C2516 PERICOM-PI6C2516 Datasheet
298Kb / 7P
   Phase-Locked Loop Clock Driver with 16 Clock Outputs
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com