Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10EL11D Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZ10EL11D
Description  ECL/PECL 1:2 Differential Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10EL11D Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZ10EL11D Datasheet HTML 1Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 2Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 3Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 4Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 5Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AZ10EL11
AZ100EL11
November 2006 * REV - 4
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +8.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-8.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IOUT
Output Current
--- Continuous
--- Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
10K ECL DC Characteristics (VEE = -4.75V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-1080
-890
-1020
-840
-980
-810
-910
-720
mV
VOL
Output LOW Voltage
1
-1950
-1650
-1950
-1630
-1950
-1630
-1950
-1595
mV
VIH
Input HIGH Voltage
-1230
-890
-1170
-840
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage
-1950
-1500
-1950
-1480
-1950
-1480
-1950
-1445
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
26
31
26
31
26
31
26
31
mA
1.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3920
4110
3980
4160
4020
4190
4090
4280
mV
VOL
Output LOW Voltage
1,2
3050
3350
3050
3370
3050
3370
3050
3405
mV
VIH
Input HIGH Voltage
1
3770
4110
3830
4160
3870
4190
3940
4280
mV
VIL
Input LOW Voltage
1
3050
3500
3050
3520
3050
3520
3050
3555
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
26
31
26
31
26
31
26
31
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
100K ECL DC Characteristics (VEE = -4.2V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-1085
-1005
-880
-1025
-955
-880
-1025
-955
-880
-1025
-955
-880
mV
VOL
Output LOW Voltage
1
-1830
-1695
-1555
-1810
-1705
-1620
-1810
-1705
-1620
-1810
-1705
-1620
mV
VIH
Input HIGH Voltage
-1165
-880
-1165
-880
-1165
-880
-1165
-880
mV
VIL
Input LOW Voltage
-1810
-1475
-1810
-1475
-1810
-1475
-1810
-1475
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
26
31
26
31
26
31
30
36
mA
1.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3915
3995
4120
3975
4045
4120
3975
4045
4120
3975
4045
4120
mV
VOL
Output LOW Voltage
1,2
3170
3305
3445
3190
3295
3380
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage
1
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
1
3190
3525
3190
3525
3190
3525
3190
3525
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
26
31
26
31
26
31
30
36
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.


Similar Part No. - AZ10EL11D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL11DR1 ETC-AZ10EL11DR1 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10EL11DR2 ETC-AZ10EL11DR2 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
More results

Similar Description - AZ10EL11D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com