Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10EL11D Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZ10EL11D
Description  ECL/PECL 1:2 Differential Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10EL11D Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZ10EL11D Datasheet HTML 1Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 2Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 3Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 4Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 5Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AZ10EL11
AZ100EL11
November 2006 * REV - 4
www.azmicrotek.com
4
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
1.45
0.049
0.057
A3
0.25
0.01
bp
0.36
0.49
0.014
0.019
c
0.19
0.25
0.0075
0.0100
D
4.8
5.0
0.19
0.20
E
3.8
4.0
0.15
0.16
e
1.27
0.050
HE
5.80
6.20
0.228
0.244
L
1.05
0.041
Lp
0.40
1.00
0.016
0.039
Q
0.60
0.70
0.024
0.028
v
0.25
0.01
w
0.25
0.01
y
0.10
0.004
Z
0.30
0.70
0.012
0.028
θ
0
O
8
O
0
O
8
O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.
PACKAGE DIAGRAM
SOIC 8


Similar Part No. - AZ10EL11D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL11DR1 ETC-AZ10EL11DR1 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10EL11DR2 ETC-AZ10EL11DR2 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
More results

Similar Description - AZ10EL11D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com