Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10EL11D Datasheet(PDF) 6 Page - Arizona Microtek, Inc

Part # AZ10EL11D
Description  ECL/PECL 1:2 Differential Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10EL11D Datasheet(HTML) 6 Page - Arizona Microtek, Inc

  AZ10EL11D Datasheet HTML 1Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 2Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 3Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 4Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 5Page - Arizona Microtek, Inc AZ10EL11D Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AZ10EL11
AZ100EL11
November 2006 * REV - 4
www.azmicrotek.com
6
Arizona Microtek, Inc. reserves the right to change circuitry and specifications at any time without prior notice. Arizona Microtek, Inc.
makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Arizona
Microtek, Inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all
liability, including without limitation special, consequential or incidental damages. Arizona Microtek, Inc. does not convey any license
rights nor the rights of others. Arizona Microtek, Inc. products are not designed, intended or authorized for use as components in systems
intended to support or sustain life, or for any other application in which the failure of the Arizona Microtek, Inc. product could create a
situation where personal injury or death may occur.
Should Buyer purchase or use Arizona Microtek, Inc. products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Arizona Microtek, Inc. and its officers, employees, subsidiaries,
affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly
or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Arizona Microtek, Inc. was negligent regarding the design or manufacture of the part.


Similar Part No. - AZ10EL11D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL11DR1 ETC-AZ10EL11DR1 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10EL11DR2 ETC-AZ10EL11DR2 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
More results

Similar Description - AZ10EL11D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com