Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100EL16T Datasheet(PDF) 3 Page - Arizona Microtek, Inc

Part # AZ100EL16T
Description  ECL/PECL Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100EL16T Datasheet(HTML) 3 Page - Arizona Microtek, Inc

  AZ100EL16T Datasheet HTML 1Page - Arizona Microtek, Inc AZ100EL16T Datasheet HTML 2Page - Arizona Microtek, Inc AZ100EL16T Datasheet HTML 3Page - Arizona Microtek, Inc AZ100EL16T Datasheet HTML 4Page - Arizona Microtek, Inc AZ100EL16T Datasheet HTML 5Page - Arizona Microtek, Inc AZ100EL16T Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AZ10EL16
AZ100EL16
May 2007 * REV - 3
www.azmicrotek.com
3
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3915
3995
4120
3975
4045
4120
3975
4045
4120
3975
4045
4120
mV
VOL
Output LOW Voltage
1,2
3170
3305
3445
3190
3295
3380
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage
1
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
1
3190
3525
3190
3525
3190
3525
3190
3525
mV
VBB
Reference Voltage
1
3620
3740
3620
3740
3620
3740
3620
3740
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
18
22
18
22
18
22
21
26
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
AC Characteristics (VEE =10E(-4.75V to -5.5V), 100E(-4.2V to -5.5V); VCC=GND or VEE =GND; VCC =10E(+4.75V to +5.5V),
100E(+4.2V to +5.5V) )
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay
to Output
(Diff)
(SE)
125
75
250
250
375
425
175
125
250
250
325
375
175
125
250
250
325
375
205
155
280
280
355
405
ps
tSKEW
Duty Cycle Skew
1
(Diff)
5
5
20
5
20
5
20
ps
VPP (AC)
Minimum Input Swing
2
150
150
150
150
mV
VCMR
Common Mode Range
3
VCC
2.0
VCC
0.4
VCC
2.0
VCC
0.4
VCC
2.0
VCC
0.4
VCC
2.0
VCC
0.4
V
tr / tf
Output Rise/Fall Times
Q (20% - 80%)
100
350
100
350
100
350
100
350
ps
1.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
2.
VPP is the minimum peak-to-peak differential input swing for which AC parameters are guaranteed. The device has a DC gain of ≈ 40.
3.
The VCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the
specified range and the peak-to-peak voltage lies between VPP (min) and 1V.


Similar Part No. - AZ100EL16T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100EL16VO ETC2-AZ100EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100EL16VO AZM-AZ100EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ100EL16VO AZM-AZ100EL16VO Datasheet
743Kb / 15P
   LVPECL Oscillator Gain Stage & Buffer with Enable
logo
List of Unclassifed Man...
AZ100EL16VOD ETC2-AZ100EL16VOD Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100EL16VOD AZM-AZ100EL16VOD Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
More results

Similar Description - AZ100EL16T

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com