Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100EL16VONB+ Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZ100EL16VONB+
Description  ECL/PECL Oscillator Gain Stage and Buffer with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100EL16VONB+ Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZ100EL16VONB+ Datasheet HTML 1Page - Arizona Microtek, Inc AZ100EL16VONB+ Datasheet HTML 2Page - Arizona Microtek, Inc AZ100EL16VONB+ Datasheet HTML 3Page - Arizona Microtek, Inc AZ100EL16VONB+ Datasheet HTML 4Page - Arizona Microtek, Inc AZ100EL16VONB+ Datasheet HTML 5Page - Arizona Microtek, Inc AZ100EL16VONB+ Datasheet HTML 6Page - Arizona Microtek, Inc AZ100EL16VONB+ Datasheet HTML 7Page - Arizona Microtek, Inc AZ100EL16VONB+ Datasheet HTML 8Page - Arizona Microtek, Inc AZ100EL16VONB+ Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AZ10EL16VO
AZ100EL16VO
June 2007 * REV - 23
www.azmicrotek.com
4
10K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1
-1080
-890
-1020
-840
-980
-810
-910
-720
mV
VOL
Output LOW Voltage1
-1950
-1650
-1950
-1630
-1950
-1630
-1950
-1595
mV
VIH
Input HIGH Voltage
D/D
¯
EN
¯¯
-1230
-1230
-430
VCC
-1170
-1170
-380
VCC
-1130
-1130
-360
VCC
-1060
-1060
-310
VCC
mV
VIL
Input LOW Voltage
D/D
¯
EN
¯¯
-2300
VEE
-1500
-1500
-2260
VEE
-1480
-1480
-2240
VEE
-1480
-1480
-2190
VEE
-1445
-1445
mV
VBB
Reference Voltage
-1430
-1300
-1380
-1260
-1360
-1240
-1310
-1190
mV
IIH
Input HIGH Current
D/D
¯
EN
¯¯
60
150
60
150
60
150
60
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
40
40
40
40
mA
1.
Each output is terminated through a 50
Ω resistor to VCC – 2V.
10K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1,2
2220
2410
2280
2460
2320
2490
2390
2580
mV
VOL
Output LOW Voltage1,2
1350
1650
1350
1670
1350
1670
1350
1705
mV
VIH
Input HIGH Voltage
D/D
¯ 1
EN
¯¯
2070
20701
2870
VCC
2130
21301
2920
VCC
2170
21701
2940
VCC
2240
22401
2990
VCC
mV
VIL
Input LOW Voltage
D/D
¯ 1
EN
¯¯
1000
VEE
1800
18001
1040
VEE
1820
18201
1060
VEE
1820
18201
1110
VEE
1855
18551
mV
VBB
Reference Voltage1
1870
2000
1920
2040
1940
2060
1990
2110
mV
IIH
Input HIGH Current
D/D
¯
EN
¯¯
60
150
60
150
60
150
60
150
μA
IIL
Input LOW Current
D/D
¯
EN
¯¯ 3
0.5
-300
0.5
-300
0.5
-300
0.5
-300
μA
IEE
Power Supply Current
40
40
40
40
mA
1.
For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to VCC – 2V.
3.
Specified with EN
¯¯ forced to VEE.


Similar Part No. - AZ100EL16VONB+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100EL16VONB++ ETC2-AZ100EL16VONB+ Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
More results

Similar Description - AZ100EL16VONB+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com