Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100EL32D Datasheet(PDF) 3 Page - Arizona Microtek, Inc

Part # AZ100EL32D
Description  ECL/PECL 첨 2 Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100EL32D Datasheet(HTML) 3 Page - Arizona Microtek, Inc

  AZ100EL32D Datasheet HTML 1Page - Arizona Microtek, Inc AZ100EL32D Datasheet HTML 2Page - Arizona Microtek, Inc AZ100EL32D Datasheet HTML 3Page - Arizona Microtek, Inc AZ100EL32D Datasheet HTML 4Page - Arizona Microtek, Inc AZ100EL32D Datasheet HTML 5Page - Arizona Microtek, Inc AZ100EL32D Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AZ10EL32
AZ100EL32
November 2006 * REV - 4
www.azmicrotek.com
3
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3915
3995
4120
3975
4045
4120
3975
4045
4120
3975
4045
4120
mV
VOL
Output LOW Voltage
1,2
3170
3305
3445
3190
3295
3380
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage
1
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
1
3190
3525
3190
3525
3190
3525
3190
3525
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
VBB
Output Reference
Voltage
3620
3740
3620
3740
3620
3740
3620
3740
mV
IEE
Power Supply Current
25
30
25
30
25
30
29
35
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
AC Characteristics (VEE =10E(-4.75V to -5.5V), 100E(-4.2V to -5.5V); VCC =GND or VEE =GND, VCC =10E(+4.75V to +5.5V),
100E(+4.2V to +5.5V))
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle
Frequency
2.2
3.0
2.6
3.0
2.6
3.0
2.6
3.0
GHz
tPLH/tPHL
Propagation Delay
CLK to Q
Reset to Q
360
390
500
540
640
690
410
440
500
540
590
640
420
440
510
540
600
640
450
450
540
550
630
650
ps
VPP (AC)
Minimum Input Swing
1
150
150
150
150
mV
VCMR
Common Mode Range
2
VCC -
2.5
VCC -
0.4
VCC -
2.5
VCC -
0.4
VCC -
2.5
VCC -
0.4
VCC -
2.5
VCC -
0.4
V
tr / tf
Output Rise/Fall Times Q
(20% - 80%)
100
350
100
350
100
350
100
350
ps
1.
VPP is the minimum peak-to-peak differential input swing for which AC parameters are guaranteed.
2.
VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be
such that the peak-to-peak voltage is less than 1.0V and greater than or equal to VPP(min).
Figure 1: Timing Diagram
D
RESET
Q


Similar Part No. - AZ100EL32D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100EL32D ETC1-AZ100EL32D Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ100EL32D++ ETC1-AZ100EL32D+ Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
More results

Similar Description - AZ100EL32D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_11 Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
logo
Arizona Microtek, Inc
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com