Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100EL58T Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZ100EL58T
Description  ECL/PECL 2:1 Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100EL58T Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZ100EL58T Datasheet HTML 1Page - Arizona Microtek, Inc AZ100EL58T Datasheet HTML 2Page - Arizona Microtek, Inc AZ100EL58T Datasheet HTML 3Page - Arizona Microtek, Inc AZ100EL58T Datasheet HTML 4Page - Arizona Microtek, Inc AZ100EL58T Datasheet HTML 5Page - Arizona Microtek, Inc AZ100EL58T Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AZ10EL58
AZ100EL58
November 2006 * REV - 3
www.azmicrotek.com
4
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
1.45
0.049
0.057
A3
0.25
0.01
bp
0.36
0.49
0.014
0.019
c
0.19
0.25
0.0075
0.0100
D
4.8
5.0
0.19
0.20
E
3.8
4.0
0.15
0.16
e
1.27
0.050
HE
5.80
6.20
0.228
0.244
L
1.05
0.041
Lp
0.40
1.00
0.016
0.039
Q
0.60
0.70
0.024
0.028
v
0.25
0.01
w
0.25
0.01
y
0.10
0.004
Z
0.30
0.70
0.012
0.028
θ
0
O
8
O
0
O
8
O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.
PACKAGE DIAGRAM
SOIC 8


Similar Part No. - AZ100EL58T

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EL01 AZM-AZ100EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
AZ100EL01D AZM-AZ100EL01D Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
AZ100EL01T AZM-AZ100EL01T Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
List of Unclassifed Man...
AZ100EL07 ETC1-AZ100EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ100EL07 AZM-AZ100EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
More results

Similar Description - AZ100EL58T

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ100LVEL58 AZM-AZ100LVEL58 Datasheet
74Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com