Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100ELT22D Datasheet(PDF) 5 Page - Arizona Microtek, Inc

Part # AZ100ELT22D
Description  CMOS/TTL to Differential PECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100ELT22D Datasheet(HTML) 5 Page - Arizona Microtek, Inc

  AZ100ELT22D Datasheet HTML 1Page - Arizona Microtek, Inc AZ100ELT22D Datasheet HTML 2Page - Arizona Microtek, Inc AZ100ELT22D Datasheet HTML 3Page - Arizona Microtek, Inc AZ100ELT22D Datasheet HTML 4Page - Arizona Microtek, Inc AZ100ELT22D Datasheet HTML 5Page - Arizona Microtek, Inc AZ100ELT22D Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AZ10ELT22
AZ100ELT22
April 2007 * REV - 7
www.azmicrotek.com
5
PACKAGE DIAGRAM
TSSOP 8
MILLIMETERS
DIM
MIN
MAX
A
1.10
A1
0.05
0.15
A2
0.75
0.95
A3
0.25
bp
0.22
0.40
c
0.13
0.23
D
2.90
3.10
E
2.90
3.10
e
0.65
HE
4.75
5.05
L
0.95
Lp
0.40
0.70
v
0.10
w
0.08
y
0.10
Z
0.38
0.64
θ
0
O
6
O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.


Similar Part No. - AZ100ELT22D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100ELT22D AZM-AZ100ELT22D Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ100ELT22DG AZM-AZ100ELT22DG Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ100ELT22DG AZM-AZ100ELT22DG Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
More results

Similar Description - AZ100ELT22D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
AZ100ELT21 AZM-AZ100ELT21 Datasheet
67Kb / 5P
   Differential PECL to CMOS/TTL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com