Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10EP16VS Datasheet(PDF) 7 Page - Arizona Microtek, Inc

Part # AZ10EP16VS
Description  ECL/PECL Differential Receiver with Variable Output Swing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10EP16VS Datasheet(HTML) 7 Page - Arizona Microtek, Inc

Back Button AZ10EP16VS Datasheet HTML 2Page - Arizona Microtek, Inc AZ10EP16VS Datasheet HTML 3Page - Arizona Microtek, Inc AZ10EP16VS Datasheet HTML 4Page - Arizona Microtek, Inc AZ10EP16VS Datasheet HTML 5Page - Arizona Microtek, Inc AZ10EP16VS Datasheet HTML 6Page - Arizona Microtek, Inc AZ10EP16VS Datasheet HTML 7Page - Arizona Microtek, Inc AZ10EP16VS Datasheet HTML 8Page - Arizona Microtek, Inc AZ10EP16VS Datasheet HTML 9Page - Arizona Microtek, Inc AZ10EP16VS Datasheet HTML 10Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AZ10EP16VS
AZ100EP16VS
July 2007 * REV - 10
www.azmicrotek.com
7
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
1.45
0.049
0.057
A3
0.25
0.01
bp
0.36
0.49
0.014
0.019
c
0.19
0.25
0.0075
0.0100
D
4.8
5.0
0.19
0.20
E
3.8
4.0
0.15
0.16
e
1.27
0.050
HE
5.80
6.20
0.228
0.244
L
1.05
0.041
Lp
0.40
1.00
0.016
0.039
Q
0.60
0.70
0.024
0.028
v
0.25
0.01
w
0.25
0.01
y
0.10
0.004
Z
0.30
0.70
0.012
0.028
θ
0
O
8
O
0
O
8
O
PACKAGE DIAGRAM
SOIC 8
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.


Similar Part No. - AZ10EP16VS

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EP16VSTG AZM-AZ10EP16VSTG Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
More results

Similar Description - AZ10EP16VS

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10LVEL16VS AZM-AZ10LVEL16VS Datasheet
101Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ100EL16VS AZM-AZ100EL16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC1-AZ100EL16VS Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
logo
Semtech Corporation
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS_16 Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com