Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10LVE111FN Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZ10LVE111FN
Description  ECL/PECL 1:9 Differential Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10LVE111FN Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZ10LVE111FN Datasheet HTML 1Page - Arizona Microtek, Inc AZ10LVE111FN Datasheet HTML 2Page - Arizona Microtek, Inc AZ10LVE111FN Datasheet HTML 3Page - Arizona Microtek, Inc AZ10LVE111FN Datasheet HTML 4Page - Arizona Microtek, Inc AZ10LVE111FN Datasheet HTML 5Page - Arizona Microtek, Inc AZ10LVE111FN Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AZ10LVE111
AZ100LVE111
November 2006 * REV - 5
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +8.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-8.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IOUT
Output Current
--- Continuous
--- Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
10K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = VCCO = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-1080
-890
-1020
-840
-980
-810
-910
-720
mV
VOL
Output LOW Voltage
1
-1950
-1650
-1950
-1630
-1950
-1630
-1950
-1595
mV
VIH
Input HIGH Voltage
-1230
-890
-1170
-840
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage
-1950
-1500
-1950
-1480
-1950
-1480
-1950
-1445
mV
VBB
Reference Voltage
-1430
-1300
-1380
-1270
-1350
-1250
-1310
-1190
mV
IIH
Input HIGH Current
150
150
150
150
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
48
60
48
60
48
60
48
60
mA
1.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
LOGIC SYMBOL
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
IN
IN
V
BB
Q8
Q8
PIN DESCRIPTION
PIN
FUNCTION
IN, IN
¯¯
Differential Input Pair
Q0, Q0
¯¯ -Q8, Q8
¯¯
Differential Outputs
VBB
VBB Output
VCC , VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect
26
27
28
1
2
3
4
Q0
Q0
Q1
Q2
V
CCO
Q1
Q2
Q3
Q3
VCC
Q5
Q5
Q6
Q6
Q7
Q8
Q8
V
EE
IN
NC
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
V
BB
IN
Q4
Q4
Q7
NC
V
CCO
V
CCO
Pinout: 28-Lead
PLCC (top view)


Similar Part No. - AZ10LVE111FN

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
AZ10LVE111EFN AZM-AZ10LVE111EFN Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
More results

Similar Description - AZ10LVE111FN

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
MC10E411 ONSEMI-MC10E411 Datasheet
127Kb / 6P
   1:9 DIFFERENTIAL ECL/PECL RAMBUS CLOCK BUFFER
1996 REV 1
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com