Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL16 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ100LVEL16
Description  ECL/PECL Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ100LVEL16 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL16 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL16 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL16 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16 Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16 Datasheet HTML 7Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AZ10LVEL16
AZ100LVEL16
ECL/PECL Differential Receiver
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Green and RoHS Compliant / Lead (Pb)
Free Packages available
250ps Propagation Delay
High Bandwidth Output Transitions
Operating Range of 3.0V to 5.5V
Internal Input Pulldown Resistors
Direct Replacement For ON
Semiconductor MC10EL16, MC100EL16,
& MC100LVEL16
IBIS Model Files Available on Arizona
Microtek Website
DESCRIPTION
The AZ10/100LVEL16 is a differential
receiver. The device is functionally equivalent
to the E116 device with higher performance
capabilities.
With
output
transition
times
significantly faster than the E116, the LVEL16
is ideally suited for interfacing with high
frequency sources.
The LVEL16 provides a VBB output for
single-ended use or a DC bias reference for AC coupling to the device. For single-ended input applications, the VBB
reference should be connected to one side of the D/D
¯ differential input pair. The input signal is then fed to the other
D/D
¯ input. The VBB pin can support 1.5 mA sink/source current. When used, the VBB pin should be bypassed to
ground via a 0.01
μF capacitor.
Under open input conditions internal input clamps will force the Q output LOW.
NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established.
PIN DESCRIPTION
PIN
FUNCTION
D, D
¯
Data Inputs
Q, Q
¯
Data Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
SOIC 8
AZ10LVEL16D
AZM10
LVEL16
1,2
SOIC 8
AZ100LVEL16D
AZM100
LVEL16
1,2
SOIC 8 RoHS
Compliant / Lead
(Pb) Free
AZ100LVEL16D+
AZM100+
LVEL16
1,2
TSSOP 8
AZ10LVEL16T
AZT
LV16
1,2
TSSOP 8 RoHS
Compliant / Lead
(Pb) Free
AZ10LVEL16T+
AZT+
LV16
1,2
TSSOP 8
AZ100LVEL16T
AZH
LV16
1,2
TSSOP 8 RoHS
Compliant / Lead
(Pb) Free
AZ100LVEL16T+
AZH+
LV16
1,2
MLP 8 (2x2)
Green / RoHS
Compliant / Lead
(Pb) Free
AZ100LVEL16NG
Q6G
<Date Code>
1,3
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts)
Tape & Reel.
2
Date code format: “Y” or “YY” for year followed by “WW” for week on
underside of part.
3
Date code format: “Y” for year followed by “WW” for week.
PINOUT ASSIGNMENT
8
5
6
7
4
3
2
1
V
CC
D
V
EE
NC
Q
Q
V
BB
D


Similar Part No. - AZ100LVEL16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100LVEL16 ETC1-AZ100LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16D ETC1-AZ100LVEL16D Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ100LVEL16DG AZM-AZ100LVEL16DG Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
AZ100LVEL16NG AZM-AZ100LVEL16NG Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ100LVEL16T ETC1-AZ100LVEL16T Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
More results

Similar Description - AZ100LVEL16

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com