Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL16VT Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ100LVEL16VT
Description  ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16VT Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ100LVEL16VT Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AZ100LVEL16VT
ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
MLP 8 (2x2x0.75)
AZ100LVEL16VTNA
P9
<Date Code>
1,2,3
MLP 8 (2x2x0.75)
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL16VTNA+
P9+
<Date Code>
1,2
MLP 8 (2x2x0.75)
AZ100LVEL16VTNB
P8
<Date Code>
1,2,4
MLP 8 (2x2x0.75)
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL16VTNB+
P8+
<Date Code>
1,2
MLP 8 (2x2x0.75)
AZ100LVEL16VTNC
P2
<Date Code>
1,2,5
MLP 8 (2x2x0.75)
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL16VTNC+
P2+
<Date Code>
1,2
MLP 8 (2x2x0.75)
AZ100LVEL16VTND
P3
<Date Code>
1,2
MLP 8 (2x2x0.75)
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL16VTND+
P3+
<Date Code>
1,2
MLP 16 (3x3)
AZ100LVEL16VTL
AZM
16T
<Date Code>
1,2
MLP 16 (3x3) RoHS
Compliant / Lead (Pb)
Free
AZ100LVEL16VTL+
AZM+
16T
<Date Code>
1,2
DIE
AZ100LVEL16VTXP
N/A
6
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts) Tape
& Reel.
2
Date code format: “Y” or “YY” for year followed by “WW” for week.
3
Parts marked TNA for date codes prior to 4WW (prior to 2004).
4
Parts marked TNB for date codes prior to 4WW (prior to 2004).
5
Parts marked TNC for date codes prior to 4WW (prior to 2004).
6
Waffle Pack
FEATURES
High Bandwidth for
≥1GHz
Similar Operation as
AZ100LVEL16VR except in
Disabled Condition: QHG is High
Operating Range of 3.0V to 5.5V
Minimizes External Components
Selectable Enable Polarity and
Threshold (CMOS/TTL or PECL)
Available in a 3x3 mm or 2x2 mm
MLP Package
S-Parameter (.s2p) and IBIS Model
Files Available on Arizona Microtek
Website
DESCRIPTION
The AZ100LVEL16VT is a specialized oscillator gain stage with high gain output buffer including an enable.
The QHG/Q
¯ HG outputs have a voltage gain several times greater than the Q/Q
¯ outputs.
MLP 16, 3x3 mm Package (VTL) or DIE (VTX)
The AZ100LVEL16VTL and AZ100LVEL16VTX provide a selectable enable input (EN) that allows
continuous oscillator operation. See truth table for the Enable function. If Enable pull-up is desired in the
CMOS/TTL mode, an external
≤20 kΩ resistor connecting EN to VCC will override the on-chip pull-down resistor.
When disabled, the QHG output is forced high and the Q
¯ HG output is forced low. The AZ100LVEL16VTL/VTX also
provides a VBB and 470 Ω internal bias resistors from D to VBB and D
¯ to VBB. The VBB pin can support 1.5 mA
sink/source current. Bypassing VBB to ground with a 0.01 μF capacitor is recommended.
The outputs Q and Q
¯ each have a selectable on-chip pull-down current source. See truth table below for current
source functions. External resistors may also be used to increase pull-down current to a maximum total of 25 mA.


Similar Part No. - AZ100LVEL16VT

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNA++ AZM-AZ100LVEL16VTNA+ Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNA++ AZM-AZ100LVEL16VTNA+ Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNB++ AZM-AZ100LVEL16VTNB+ Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZ100LVEL16VT

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com