Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10LVEL16VSD Datasheet(PDF) 5 Page - Arizona Microtek, Inc

Part # AZ10LVEL16VSD
Description  ECL/PECL Differential Receiver with Variable Output Swing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10LVEL16VSD Datasheet(HTML) 5 Page - Arizona Microtek, Inc

  AZ10LVEL16VSD Datasheet HTML 1Page - Arizona Microtek, Inc AZ10LVEL16VSD Datasheet HTML 2Page - Arizona Microtek, Inc AZ10LVEL16VSD Datasheet HTML 3Page - Arizona Microtek, Inc AZ10LVEL16VSD Datasheet HTML 4Page - Arizona Microtek, Inc AZ10LVEL16VSD Datasheet HTML 5Page - Arizona Microtek, Inc AZ10LVEL16VSD Datasheet HTML 6Page - Arizona Microtek, Inc AZ10LVEL16VSD Datasheet HTML 7Page - Arizona Microtek, Inc AZ10LVEL16VSD Datasheet HTML 8Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AZ10LVEL16VS
AZ100LVEL16VS
November 2006 * REV - 2
www.azmicrotek.com
5
Typical Voltage Output Swing at +25C, VCC Nom (see Figure 1 and
Figure 2)
Vbb
1.320
1.500 V (100K ECL)
0
25
50
75
100
0.0
0.4
0.8
1.2
1.6
VCTRL (V)
%OUT
Vbb
100K ECL
Figure 2: Alternative Implementation
8
5
6
7
4
3
2
1
V CC
D
VEE
Q
Q
V
BB
D
VCTRL
VCTRL
50
-2V
50
V SWING
(pk-pk)
Figure 1: Voltage Source Implementation
8
5
6
7
4
3
2
1
V
CC
D
VEE
Q
Q
VBB
D
VCTRL
R
L
R
L
10k
VSWING
(pk-pk)
RL = 180@3.3V Supply; RL = 330@5.0V Supply


Similar Part No. - AZ10LVEL16VSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16D ETC1-AZ10LVEL16D Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10LVEL16D AZM-AZ10LVEL16D Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16T ETC1-AZ10LVEL16T Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
More results

Similar Description - AZ10LVEL16VSD

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EL16VS AZM-AZ100EL16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC1-AZ100EL16VS Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ10EP16VS AZM-AZ10EP16VS Datasheet
122Kb / 10P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
logo
Semtech Corporation
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS_16 Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com