Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8510 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8510
Description  26 W BTL and 2 x 13 W SE power amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8510 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8510 Datasheet HTML 4Page - NXP Semiconductors TDA8510 Datasheet HTML 5Page - NXP Semiconductors TDA8510 Datasheet HTML 6Page - NXP Semiconductors TDA8510 Datasheet HTML 7Page - NXP Semiconductors TDA8510 Datasheet HTML 8Page - NXP Semiconductors TDA8510 Datasheet HTML 9Page - NXP Semiconductors TDA8510 Datasheet HTML 10Page - NXP Semiconductors TDA8510 Datasheet HTML 11Page - NXP Semiconductors TDA8510 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Dec 14
8
Philips Semiconductors
Preliminary specification
26 W BTL and 2
× 13 W SE power
amplifiers
TDA8510J
DC CHARACTERISTICS
VP =15V; Tamb =25 °C; measured in Fig.7; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
2. Only for BTL channel (V12-10).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6
15
18
V
Iq(tot)
total quiescent current
80
160
mA
VO
DC output voltage
6.9
V
∆V
OO
DC output offset voltage
note 2
−−
150
mV
Mode select switch
VSW(on)
switch-on voltage level
8.5
−−
V
MUTE CONDITION
Vmute
mute voltage
3.3
6.4
V
VO
output voltage in mute position
VI(max) =1V; f=1kHz
−−
2mV
∆VOO
DC output offset voltage
note 2
−−
150
mV
STANDBY CONDITION
Vstb
standby voltage
0
2V
Istb
standby current
−−
100
µA
Isw(on)
switch-on current
12
40
µA
Diagnostic output (pin 16)
VDIAG
diagnostic output voltage
any short-circuit or clipping
−−
0.6
V


Similar Part No. - TDA8510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8511 PHILIPS-TDA8511 Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA8512 PHILIPS-TDA8512 Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
More results

Similar Description - TDA8510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com