Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL16VTNB Datasheet(PDF) 9 Page - Arizona Microtek, Inc

Part # AZ100LVEL16VTNB
Description  ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16VTNB Datasheet(HTML) 9 Page - Arizona Microtek, Inc

Back Button AZ100LVEL16VTNB Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16VTNB Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16VTNB Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL16VTNB Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL16VTNB Datasheet HTML 9Page - Arizona Microtek, Inc AZ100LVEL16VTNB Datasheet HTML 10Page - Arizona Microtek, Inc AZ100LVEL16VTNB Datasheet HTML 11Page - Arizona Microtek, Inc AZ100LVEL16VTNB Datasheet HTML 12Page - Arizona Microtek, Inc AZ100LVEL16VTNB Datasheet HTML 13Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AZ100LVEL16VT
April 2007 * REV - 9
www.azmicrotek.com
9
Bottom Center Pad may be left open
or tied to VEE. Pin 4 is the VEE return.
EN operation follows CMOS/TTL
functionality. See Timing Diagram above.
D
4mA
470 Ω
V
BB
V
EE
Q
HG
Q
Q
HG
MLP 8, 2x2mm
AZ100LVEL16VTNC
CMOS / TTL
THRESHOLD
EN
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZ100LVEL16VTNC
QHG
QHG
EN
Q
VBB
VEE
VCC
TOP VIEW
Bottom Center Pad is the VEE return.
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZ100LVEL16VTND
QHG
QHG
EN
Q
VBB
VCC
TOP VIEW
D
VEE
D
4mA
470
VBB
VEE
QHG
Q
D
QHG
MLP 8, 2x2mm
AZ100LVEL16VTND
470
CMOS / TTL
THRESHOLD
EN
EN operation follows CMOS/TTL
functionality. See Timing Diagram above.
LOGIC DIAGRAMS AND PINOUTS FOR 2x2mm PACKAGE


Similar Part No. - AZ100LVEL16VTNB

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VTNB++ AZM-AZ100LVEL16VTNB+ Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNB++ AZM-AZ100LVEL16VTNB+ Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZ100LVEL16VTNB

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com