Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL33 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ100LVEL33
Description  ECL/PECL 첨4 Divider
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL33 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ100LVEL33 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL33 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL33 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL33 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL33 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL33 Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL33 Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL33 Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL33 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AZ10LVEL33
AZ100LVEL33
ECL/PECL
÷4 Divider
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Green / RoHS Compliant /
Lead (Pb) Free package available
Operating Range of 3.0V to 5.5V
470ps Propagation Delay
4.0GHz Toggle Frequency
Internal Input Pulldown Resistors
Direct Replacement for ON Semiconductor
MC10EL33, MC100EL33,
and MC100LVEL33
Transistor Count = 91 Devices
IBIS Model Files Available on Arizona
Microtek Web Site
DESCRIPTION
The AZ10/100LVEL33 is an integrated
÷4 divider. The RESET pin is asynchronous and clears the output (Q
Low, Q
¯ High) on the rising edge. Upon power-up, the internal flip-flop will be in a random logic state. RESET
allows for the synchronization of multiple LVEL33’s in a system.
The LVEL33 provides a VBB output for single-end use or a DC bias reference for AC coupling to the device.
For single-ended input applications, the VBB reference should be connected to one side of the CLK/ CLK
¯¯¯¯ differential
input pair. The input signal is then fed to the other CLK/ CLK
¯¯¯¯ input. The VBB pin can support 1.0mA sink/source
current. When used, the VBB pin should be bypassed to ground via a 0.01μF capacitor.
NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established.
LOGIC DIAGRAM
R
÷4
RESET
CLK
VBB
Q
CLK
Q
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
MLP 8 (2x2) Green
/ RoHS Compliant /
Lead (Pb) Free
AZ100LVEL33NG
C3G
<Date Code>
1,2
MLP 16 (3x3)
AZ10/100LVEL33L
AZM
L33
<Date Code>
1,2
SOIC 8
AZ10LVEL33D
AZM10
LVEL33
1,2,3
SOIC 8
AZ100LVEL33D
AZM100
LVEL33
1,2,3
TSSOP 8
AZ10LVEL33T
AZT
LV33
1,2,3
TSSOP 8
AZ100LVEL33T
AZH
LV33
1,2,3
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K
parts) Tape & Reel.
2
Date code format: “Y” or “YY” for year followed by “WW” for week.
3
Date code “YWW” or “YYWW” on underside of part.
PIN DESCRIPTION
PIN
FUNCTION
CLK, CLK
¯¯¯
Clock Inputs
RESET
Asynchronous Reset
VBB
Reference Voltage Output
Q, Q
¯
Data Outputs
VCC
Positive Supply
VEE
Negative Supply


Similar Part No. - AZ100LVEL33

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ100LVEL33DG AZM-AZ100LVEL33DG Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ100LVEL33NG AZM-AZ100LVEL33NG Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ100LVEL33TG AZM-AZ100LVEL33TG Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
More results

Similar Description - AZ100LVEL33

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL32 AZM-AZ100LVEL32_11 Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com