Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL32NG Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZ100LVEL32NG
Description  ECL/PECL 첨 2 Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL32NG Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZ100LVEL32NG Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL32NG Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL32NG Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL32NG Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL32NG Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL32NG Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL32NG Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL32NG Datasheet HTML 8Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AZ10LVEL32
AZ100LVEL32
July 2006 * REV - 0
www.azmicrotek.com
4
AC Characteristics (VEE = -3.0V to -5.5V; VCC = GND or VEE = GND; VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle
Frequency
2.2
3.0
2.6
3.0
2.6
3.0
2.6
3.0
GHz
tPLH/tPHL
Propagation Delay
CLK, CLK
¯¯¯ to Q/Q
¯
RESET to Q/Q
¯
360
390
450
540
540
690
370
440
460
540
550
640
380
440
470
540
560
640
400
450
490
550
580
650
ps
VPP (AC)
Input Swing1
150
1000
150
1000
150
1000
150
1000
mV
VCMR
Common Mode Range2
VPP < 500 mv
VPP ≥ 500 mv
VEE +
1.2
1.4
VCC -
0.4
0.4
VEE +
1.1
1.3
VCC -
0.4
0.4
VEE +
1.1
1.3
VCC -
0.4
0.4
VEE +
1.1
1.3
VCC -
0.4
0.4
V
tr / tf
Output Rise/Fall Times
Q/Q
¯ (20% - 80%)
100
260
100
260
100
260
100
260
ps
1.
VPP is the peak-to-peak differential input swing range for which AC parameters are guaranteed.
2.
VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be
such that VPP is within the differential input swing range specified.
Figure 1: Timing Diagram
CLK
RESET
Q


Similar Part No. - AZ100LVEL32NG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL32NG AZM-AZ100LVEL32NG Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
AZ100LVEL32NG AZM-AZ100LVEL32NG Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32NG AZM-AZ100LVEL32NG Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
More results

Similar Description - AZ100LVEL32NG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ100LVEL32 AZM-AZ100LVEL32_11 Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
logo
Arizona Microtek, Inc
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Micrel Semiconductor
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com