Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL16NG Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZ100LVEL16NG
Description  ECL/PECL Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16NG Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZ100LVEL16NG Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL16NG Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL16NG Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL16NG Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16NG Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16NG Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16NG Datasheet HTML 7Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AZ10LVEL16
AZ100LVEL16
April 2007 * REV - 8
www.azmicrotek.com
4
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
1.45
0.049
0.057
A3
0.25
0.01
bp
0.36
0.49
0.014
0.019
c
0.19
0.25
0.0075
0.0100
D
4.8
5.0
0.19
0.20
E
3.8
4.0
0.15
0.16
e
1.27
0.050
HE
5.80
6.20
0.228
0.244
L
1.05
0.041
Lp
0.40
1.00
0.016
0.039
Q
0.60
0.70
0.024
0.028
v
0.25
0.01
w
0.25
0.01
y
0.10
0.004
Z
0.30
0.70
0.012
0.028
θ
0
O
8
O
0
O
8
O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.
PACKAGE DIAGRAM
SOIC 8


Similar Part No. - AZ100LVEL16NG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16NG AZM-AZ100LVEL16NG Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
More results

Similar Description - AZ100LVEL16NG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com