Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE861HDSGL2R Datasheet(PDF) 2 Page - Hongfa Technology

Part # JE861HDSGL2R
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE861HDSGL2R Datasheet(HTML) 2 Page - Hongfa Technology

  JE861HDSGL2R Datasheet HTML 1Page - Hongfa Technology JE861HDSGL2R Datasheet HTML 2Page - Hongfa Technology JE861HDSGL2R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BX\P[5 le 6H>?L NB? ;G<C?H=? QCNB >;HA?LIOM A;M FCE? *m4g 40m IL /0mg Q;MB NCABN NSJ? CM L?=IGG?H>?>v JF?;M? N?MN NB? L?F;S CH L?;F ;JJFC=;NCIHMi
+@ NB? ;G<C?H=? ;FFIQMg @FORJLII@?> CM JL?@?L?HNC;FFS L?=IGG?H>?>i
me ,|s CM ;H ?HPCLIHG?HN;F @LC?H>FS JLI>O=Ni 1F?;M? G;LE ; MJ?=C;F =I>? dpppe QB?H IL>?LCHAi
4CHAF? MC>? MN;<F? cl =ICF F;N=BCHA
m =ICFM F;N=BCHA
mkim
ll
kio
kis
mkim
ll
kio
kis
0=5l}ILG x
1=5m}ILG x
0=95 lx f ly
8][\XVPZ [YPNTLU NXOP
0HFS @IL MJ?=C;F L?KOCL?G?HNMg ?iAi dpppe MN;H>M @IL 3I*4 =IGJFC;HN
le
me
mpm
0ONFCH? {CG?HMCIHM
CHG@>B: 9>A:BF>CBF. J>E>B< 9>6<E6A 6B9 D8 7C6E9 @6KCHG
6HCNu GG
nh``h-l
ph``h-l
qh``h-l
th``h-l
lmh``h-l
moh``h-l
n
p
q
t
lm
mo
mio
oik
ois
rim
tiq
ltim
qk R dl lkbe
lqr R dl lkbe
mok R dl lkbe
pok R dl lkbe
tqk R dl lkbe
nsok R dl lkbe
nit
qip
ris
llir
lpiq
nlim
/IGCH;F
7IFN;A?
7{z
0L>?L
/OG<?L
4?N j 3?M?N
7IFN;A?
7{z
.;Ri
xFFIQ;<F?
7IFN;A?
7{z rk
0 NXTU UL\NSTWR ,03/VJ-
zICF
3?MCMN;H=?
8C>@ 96G6
nh``h-m
ph``h-m
qh``h-m
th``h-m
lmh``h-m
moh``h-m
n
p
q
t
lm
mo
mio
oik
ois
rim
tiq
ltim
nk R dl lkbe
sn R dl lkbe
lmk R dl lkbe
mrk R dl lkbe
osk R dl lkbe
ltmk R dl lkbe
nit
qip
ris
llir
lpiq
nlim
/IGCH;F
7IFN;A?
7{z
0L>?L
/OG<?L
4?N j 3?M?N
7IFN;A?
7{z
.;Ri
xFFIQ;<F?
7IFN;A?
7{z rk
1 NXTU[ UL\NSTWR ,2//VJ-
zICF
3?MCMN;H=?
CE9:E>B< >B;CEA6G>CB
;N mn
G_YP
,|s j
8XTU ^XU\LRP
ng pg qg tg lmg mo7{z
lm
4
d999e
hl*
8XW\LN\ QXZV
h3
E5 3?P?LM? JIF;LCNS
BTU5 4N;H>;L> JIF;LCNS
DXULZT\_
8XW[\Z]N\TXW
F5 8;MB NCABN
BTUu }FORJLII@?>
h-m
FXZ\
@05 l =ICF F;N=BCHA
@15 m =ICFM F;N=BCHA
BTU5 4CHAF? MC>? MN;<F?
8XW\LN\ YUL\TWR
<5 ~IF> JF;N?>
BTUu /I AIF> JF;N?>
~


Similar Description - JE861HDSGL2R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com