Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL16VTND Datasheet(PDF) 7 Page - Arizona Microtek, Inc

Part # AZ100LVEL16VTND
Description  ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16VTND Datasheet(HTML) 7 Page - Arizona Microtek, Inc

Back Button AZ100LVEL16VTND Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL16VTND Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16VTND Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16VTND Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16VTND Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL16VTND Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL16VTND Datasheet HTML 9Page - Arizona Microtek, Inc AZ100LVEL16VTND Datasheet HTML 10Page - Arizona Microtek, Inc AZ100LVEL16VTND Datasheet HTML 11Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AZ100LVEL16VT
April 2007 * REV - 9
www.azmicrotek.com
7
S21, D to Q
¯
(50
Ω external AC, 4 & 8mA internal DC Load on Q
¯)
S22, D to Q
¯
(50
Ω external AC, 4 & 8mA internal DC Load on Q
¯)
0.4
0.5
0.6
0.7
0.8
0.9
50
150
250
350
450
550
650
750
850
950
1050
1150
1250
1350
Frequency (MHz)
100
125
150
175
200
225
S22 MAG 8mA
S22 MAG 4mA
S22 PHASE 8mA
S22 PHASE 4mA
0
5
10
15
20
25
30
35
40
45
50
150
250
350
450
550
650
750
850
950
1050
1150
1250
1350
Frequency (MHz)
-75
-45
-15
15
45
75
105
135
165
195
S21 MAG 8mA
S21 MAG 4mA
S21 PHASE 8mA
S21 PHASE 4mA


Similar Part No. - AZ100LVEL16VTND

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VTNA++ AZM-AZ100LVEL16VTNA+ Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNA++ AZM-AZ100LVEL16VTNA+ Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNB++ AZM-AZ100LVEL16VTNB+ Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNB++ AZM-AZ100LVEL16VTNB+ Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZ100LVEL16VTND

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com